Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCI-6540 Datasheet (PDF) - Elma Electronic Ltd

CPCI-6540 Datasheet PDF - Elma Electronic Ltd
Part # CPCI-6540
Download  CPCI-6540 Download
File Size   859.29 Kbytes
Page   5 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description 6U CompactPCI 9th Gen Intel® Xeon

CPCI-6540 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPCI-6540 Datasheet PDF - Elma Electronic Ltd

Part # CPCI-6540
Download  CPCI-6540 Click to download

File Size   859.29 Kbytes
Page   5 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description 6U CompactPCI 9th Gen Intel® Xeon

CPCI-6540 Datasheet (HTML) - Elma Electronic Ltd


CPCI-6540 Product details

Features
• 14nm multi-core 9th Gen Intel® processor (formerly Coffee Lake Refresh)
• Dual channel DDR4 ECC memory, soldered and SO-DIMM, up to 64GB
• Versatile storage: SSD, M.2 2242 NVMe
• Dual PMC/XMC sites
• Remote management and TPM support




Similar Part No. - CPCI-6540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-6510 ETC2-CPCI-6510 Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-6510610M4G ETC2-CPCI-6510610M4G Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-6510V610M8G ETC2-CPCI-6510V610M8G Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-6510V620LM4G ETC2-CPCI-6510V620LM4G Datasheet
564Kb / 2P
One PCI-Express x8 XMC site
CPCI-6520 ETC2-CPCI-6520 Datasheet
541Kb / 2P
USB 3.0 and PCI-Express Gen3 support
More results


Similar Description - CPCI-6540

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
logo
Advantech Co., Ltd.
MIO-5393 ADVANTECH-MIO-5393 Datasheet
1Mb / 6P
9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
1-Sep-2021
MIC-330 ADVANTECH-MIC-330 Datasheet
719Kb / 2P
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
MIC-3396 ADVANTECH-MIC-3396 Datasheet
384Kb / 2P
6U CompactPCI Intel® 4th Gen. Core™ i3/i5/i7 Processor Blade with ECC support
9-Feb-2023
MIC-3396MIL ADVANTECH-MIC-3396MIL Datasheet
410Kb / 2P
6U CompactPCI Intel® 4th/5th Gen. Core™ i5/i7 Processor Blade with ECC support
9-Feb-2023
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
MIC-3398 ADVANTECH-MIC-3398 Datasheet
628Kb / 2P
6U CompactPCI Intel® Atom™ Processor Blade
21-Jun-2017
MIC-3399 ADVANTECH-MIC-3399 Datasheet
657Kb / 2P
6U CompactPCI Intel® 6th Gen. Core™ i3/i5/i7 Processor Blade with ECC support
7-Sep-2021
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
RX370Q BCM-RX370Q Datasheet
660Kb / 1P
Intel® Q370 uATX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
2021/5/18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com