Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBT0005 Datasheet (PDF) - DFROBOT

MBT0005 Datasheet PDF - DFROBOT
Part # MBT0005
Download  MBT0005 Download
File Size   1262.1 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Micro: IO-BOX Expansion Board

MBT0005 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBT0005 Datasheet PDF - DFROBOT

Part # MBT0005
Download  MBT0005 Click to download

File Size   1262.1 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Micro: IO-BOX Expansion Board

MBT0005 Datasheet (HTML) - DFROBOT


MBT0005 Product details

FEATURES
 Supported Battery specification: CR123A Li-ion battery 1000mA(Battery of this type is on
sale)
 Average Continuous Usage Time: 6h(the actual time may differ from the description out
of different using situation)
 External Power Supply: 3.7V~5V( Auxiliary 3 AA battery holder is on sale)
 Charging Interface: microUSB 5V Support computer USB charging and cell phone
charger
 Supported Motor Voltage: 3V~6V

SPECIFICATION
 Supply Voltage: 4.5-5.5V
 Battery Type: CR123A 3.6V Rechargeable Li-ion Battery
 Power Switch: 1
 Charging Current: 350mA
 Charging Time: 2.5h
 Digital Output Voltage: 0V/3.3V
 Analog Input Voltage: 0~3.3V DC
 On-board Buzzer: 1-way(PO)
 Buzzer Switch: 1
 On-board RGB: 4 WS2812B(P15)
 Motor Interface: 2-way(IIC)
 Micro: bit Interface: 9-way (P0, P1, P2, P8, P12, P13, P14, P15, P16)
 IIC Interface: 2-way
 UART Interface: 1-way
 Dimension: 61×61mm/2.40×2.40”




Similar Part No. - MBT0005

ManufacturerPart #DatasheetDescription
logo
DFROBOT
MBT0009 DFROBOT-MBT0009 Datasheet
901Kb / 3P
micro: Breadboard
7-12-19
More results


Similar Description - MBT0005

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALSP320SHMI STMICROELECTRONICS-EVALSP320SHMI Datasheet
132Kb / 3P
SPEAr320S expansion board for HMI applications
16-Jul-2012
logo
Texas Instruments
DK-LM3S9B96 TI1-DK-LM3S9B96_14 Datasheet
86Kb / 3P
FPGA Expansion Board for DK-LM3S9B96
logo
Megawin Technology Co.,...
MG69L220A MEGAWIN-MG69L220A Datasheet
505Kb / 27P
8-Bit Micro-Controller with IO function
logo
SparkFun Electronics
DEV-14444 SPARKFUN-DEV-14444 Datasheet
133Kb / 4P
Relay Expansion Board for Onion Omega
DEV-16525 SPARKFUN-DEV-16525 Datasheet
202Kb / 2P
Alchitry Io Element Board
9????0
logo
STMicroelectronics
X-NUCLEO-IOD02A1 STMICROELECTRONICS-X-NUCLEO-IOD02A1 Datasheet
3Mb / 6P
Dual channel IO-Link device expansion board based on L6364Q for STM32 Nucleo
01-Sep-2020
logo
Coolgear Inc.
CG-PCIEC-DVICEB COOLGEAR-CG-PCIEC-DVICEB Datasheet
523Kb / 2P
3FT DVI Like Expansion Cable for Expansion Box
CG-PCIEPCIX4IPS COOLGEAR-CG-PCIEPCIX4IPS Datasheet
639Kb / 2P
PCIe to PCIx4 Expansion Box MX with Internal Power Supply
CG-PCIX4IPS COOLGEAR-CG-PCIX4IPS Datasheet
712Kb / 2P
PCIe to PCIx4 Expansion Box MS with Internal Power Supply
CGS-PCI2PCIE2 COOLGEAR-CGS-PCI2PCIE2 Datasheet
700Kb / 2P
PCIe to PCIx2 and PCIex2 Slot Expansion Box
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com