Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBT0009 Datasheet (PDF) - DFROBOT

MBT0009 Datasheet PDF - DFROBOT
Part # MBT0009
Download  MBT0009 Download
File Size   901.34 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description micro: Breadboard

MBT0009 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBT0009 Datasheet PDF - DFROBOT

Part # MBT0009
Download  MBT0009 Click to download

File Size   901.34 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description micro: Breadboard

MBT0009 Datasheet (HTML) - DFROBOT


MBT0009 Product details

FEATURES
 Free from soldering, electronic components can be used repeatedly
 IO ports are led out in the form of pin header and female header, easy to use;
 Support visual programming, mind+ and python
 Micro USB 5V power interface

SPECIFICATION
 Operating Voltage: 3.3~5V
 Digital Output Voltage: 0V/3.3V
 Analog Output Voltage: 0~3.3V DC
 Pin Header and Female Header Interface
 micro:bit Interface ×19 (P0 P1 P2 P3 P4 P5 P6 P7 P8 P9 P10 P11 P12 P13 P14 P15
P16 P19 P20)
 Power Interface ×4
 GND Port ×4
 3.23 * 2.17” Breadboard (middle size) ×1
 PWR Indicator ×1
 Power Switch ×1
 On-board Button(A/B) ×2
 Dimension: 16.2cm×7.2cm/6.38×2.83”
 Mounting Hole Size: M3 Screw hole




Similar Part No. - MBT0009

ManufacturerPart #DatasheetDescription
logo
DFROBOT
MBT0005 DFROBOT-MBT0005 Datasheet
1Mb / 3P
Micro: IO-BOX Expansion Board
5-9-19
More results


Similar Description - MBT0009

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX10460 AXIOMTEK-AX10460 Datasheet
211Kb / 1P
PC/104 breadboard
logo
SparkFun Electronics
DEV-11235 SPARKFUN-DEV-11235 Datasheet
94Kb / 1P
Arduino and Breadboard Holder
5??6??7
PRT-08376 SPARKFUN-PRT-08376 Datasheet
172Kb / 2P
SparkFun Breadboard Power Supply USB -
8/5/2016
PRT-12043 SPARKFUN-PRT-12043 Datasheet
328Kb / 1P
Breadboard ??Mini Modular (White)
5??6??7
PRT-12044 SPARKFUN-PRT-12044 Datasheet
105Kb / 1P
Breadboard ??Mini Modular (Red)
5??6??7
PRT-12045 SPARKFUN-PRT-12045 Datasheet
111Kb / 1P
Breadboard ??Mini Modular (Blue)
5??6??7
PRT-12046 SPARKFUN-PRT-12046 Datasheet
101Kb / 1P
Breadboard ??Mini Modular (Green)
5??6??7
PRT-12047 SPARKFUN-PRT-12047 Datasheet
107Kb / 1P
Breadboard ??Mini Modular (Black)
5??6??7
PRT-12070 SPARKFUN-PRT-12070 Datasheet
100Kb / 1P
SparkFun Solder-able Breadboard
4/16/2015
PRT-12702 SPARKFUN-PRT-12702 Datasheet
101Kb / 1P
SparkFun Solder-able Breadboard - Mini
4/16/2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com