Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBT0012 Datasheet (PDF) - DFROBOT

MBT0012 Datasheet PDF - DFROBOT
Part # MBT0012
Download  MBT0012 Download
File Size   2967.27 Kbytes
Page   43 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description micro: IoT - micro:bit IoT Expansion Board

MBT0012 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBT0012 Datasheet PDF - DFROBOT

Part # MBT0012
Download  MBT0012 Click to download

File Size   2967.27 Kbytes
Page   43 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description micro: IoT - micro:bit IoT Expansion Board

MBT0012 Datasheet (HTML) - DFROBOT


MBT0012 Product details

Specification
• Battery Type: CR123A 3.6V Rechargeable Li-ion Battery (Note: do not use 3V CR123A battery and non-rechargeable. Recharging the non-rechargeable battery is dangerous.)
• Onboard charging circuit
• Interface: 2-way IIC, 1-way serial
• Micro:bit Interface: P0 P1 P2 P8 P12 P16
• Other Interface: two DC motor ports, two servo ports
• Standard Gravity Pins • On-board 3-way RGB LED
• On-board buzzer and Switch
• On-board OLED display
• Dimension: 148×112mm/5.83×4.41”
• Weight: 104g
• Programming Platforms: makecode, Mind+




Similar Part No. - MBT0012

ManufacturerPart #DatasheetDescription
logo
DFROBOT
MBT0016 DFROBOT-MBT0016 Datasheet
1Mb / 3P
Math & Automatic Touch Keyboard for micro:bit (V1.0)
12-5-19
More results


Similar Description - MBT0012

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VKL9130 CPI-VKL9130 Datasheet
160Kb / 2P
IOT Amplifier
VKP-9070 CPI-VKP-9070 Datasheet
138Kb / 2P
IOT Amplifier
logo
Pulse A Technitrol Comp...
IOT-K PULSE-IOT-K Datasheet
388Kb / 5P
IoT Antennas
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB7 SUNTSU-SATPC-35A7AB5-ISB7 Datasheet
410Kb / 3P
IOT Applications
SATPC-35A7AF-ISB7 SUNTSU-SATPC-35A7AF-ISB7 Datasheet
457Kb / 3P
IOT Applications
SATPC-62A7AB5-ISB1 SUNTSU-SATPC-62A7AB5-ISB1 Datasheet
407Kb / 3P
IOT Applications
logo
PHOENIX CONTACT
1031235 PHOENIX-1031235 Datasheet
234Kb / 5P
IoT gateway - CLOUD IOT GATEWAY
logo
Acconeer AB
XM122 ACCOONEER-XM122 Datasheet
3Mb / 35P
IoT Module
v2.1 / 2020-10-27
logo
Microchip Technology
EV36W50A MICROCHIP-EV36W50A Datasheet
2Mb / 37P
WFI32-IoT Board Users Guide
Revision A 02/2022
logo
Advantech Co., Ltd.
WISE-3200 ADVANTECH-WISE-3200 Datasheet
169Kb / 2P
IoT Router
22-Feb-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com