Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBT0016 Datasheet (PDF) - DFROBOT

MBT0016 Datasheet PDF - DFROBOT
Part # MBT0016
Download  MBT0016 Download
File Size   1195.26 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Math & Automatic Touch Keyboard for micro:bit (V1.0)

MBT0016 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBT0016 Datasheet PDF - DFROBOT

Part # MBT0016
Download  MBT0016 Click to download

File Size   1195.26 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Math & Automatic Touch Keyboard for micro:bit (V1.0)

MBT0016 Datasheet (HTML) - DFROBOT


MBT0016 Product details

FEATURES
Math Game:
 1.Calculator
 2.Quick Calculation
 3.Math Reasoning Game
 4.Lucky number
 5.Twenty-One
 6.Whack a Mole
 7.The mystery of Dazzling Numbers
Automatic Control:
 1.RGB Waterfall Light
 2.Touch Music
 3.Password Lock
 4.Motor Control System
 5.Touch Remote Wireless Handle
 6. Countdown Timer
 7. Natural wind Electric Fan
 8. NFC Password Entrance Guard
 9. 2. 4G Multiplex Communication System

SPECIFICATION
 Power Input: 3.5~5.5V DC
 Touch key*16
 RGB LED *16
 Buzzer *1
 Buzzer Switch *1
 Motor Port *2
 Servo Port *2
 IIC *2
 UART *1
 GPIO: P0, P1, P2, P8, P12, P16
 Program Platform: Mind+、makecode
 Size: 136mm×65mm/5.35×2.56"




Similar Part No. - MBT0016

ManufacturerPart #DatasheetDescription
logo
DFROBOT
MBT0012 DFROBOT-MBT0012 Datasheet
2Mb / 43P
micro: IoT - micro:bit IoT Expansion Board
12-5-19
More results


Similar Description - MBT0016

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8087 INTEL-8087 Datasheet
1Mb / 22P
MATH COPROCESSOR
logo
Maxwell Technologies
80387DX MAXWELL-80387DX Datasheet
444Kb / 17P
Math Coprocessor
logo
List of Unclassifed Man...
SPI-4 ETC2-SPI-4 Datasheet
106Kb / 3P
Core w/ FIFOs V1.0 For Altera PLDs
logo
Advantech Co., Ltd.
ROM-DB5900 ADVANTECH-ROM-DB5900_15 Datasheet
595Kb / 2P
Development board for RISC SMARC v1.0 Module
logo
BOWIN ELECTRONIC CO.
LS6037 BOWIN-LS6037 Datasheet
21Kb / 1P
Math Watch
logo
Axiomtek Co., Ltd.
AX7042 AXIOMTEK-AX7042_16 Datasheet
156Kb / 1P
1U Keyboard Drawer with Touch Pad
logo
SparkFun Electronics
DEV-14208 SPARKFUN-DEV-14208 Datasheet
150Kb / 2P
micro:bit
4??6??7
KIT-15596 SPARKFUN-KIT-15596 Datasheet
98Kb / 2P
SparkFun gator:science Kit for micro:bit
10????9
KIT-16274 SPARKFUN-KIT-16274 Datasheet
197Kb / 2P
SparkFun micro:climate kit for micro:bit - v3.0
2??0??0
WIG-16300 SPARKFUN-WIG-16300 Datasheet
164Kb / 2P
Logitech K400 Plus Wireless Touch Keyboard
7????0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com