Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEN0159 Datasheet (PDF) - DFROBOT

SEN0159 Datasheet PDF - DFROBOT
Part # SEN0159
Download  SEN0159 Download
File Size   467.87 Kbytes
Page   9 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description CO2 Sensor SKU:SEN0159

SEN0159 Datasheet (PDF)

Go To PDF Page Download Datasheet
SEN0159 Datasheet PDF - DFROBOT

Part # SEN0159
Download  SEN0159 Click to download

File Size   467.87 Kbytes
Page   9 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description CO2 Sensor SKU:SEN0159

SEN0159 Datasheet (HTML) - DFROBOT


SEN0159 Product details

Specification
Input Power: 3.3 - 6V@ >500mA (5V recommended)
Operating voltage: 0 - 5V
Interface: Analog
One digital output (Once the CO2 concentration is over the set threshold value, it will output
digital HIGH, 5V)
Onboard heating circuit
Heating Current: 200mA
Heating Voltage: 6V
Heating Power: 1200mW
Size: 32x42mm




Similar Part No. - SEN0159

ManufacturerPart #DatasheetDescription
logo
DFROBOT
SEN0156 DFROBOT-SEN0156 Datasheet
122Kb / 5P
Rotary Switch Module V1 (SKU:SEN0156)
logo
List of Unclassifed Man...
SEN0158 ETC-SEN0158 Datasheet
109Kb / 2P
Data Sheet of IR Positioning Camera For Arduino
2017/5/5
More results


Similar Description - SEN0159

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG811 ETC2-MG811 Datasheet
97Kb / 2P
CO2 Sensor
logo
Extech Instruments Corp...
CO250 EXTECH-CO250 Datasheet
209Kb / 10P
CO2 Meter
logo
Zhengzhou Winsen Electr...
MG-812 WINSEN-MG-812 Datasheet
534Kb / 6P
Low Power-Consumption CO2 Sensor
MH-410D WINSEN-MH-410D Datasheet
343Kb / 8P
NDIR Infrared CO2 Gas Sensor
MH-Z19C WINSEN-MH-Z19C Datasheet
1Mb / 7P
Infrared CO2 Sensor Module
logo
Sensirion AG Switzerlan...
SCD30 SENSIRION-SCD30 Datasheet
572Kb / 8P
CO2, humidity, and temperature sensor
Version 1.0
logo
E+E Elektronik Ges.m.b....
CDS201 EPLUSE-CDS201 Datasheet
1Mb / 9P
Room Sensor for CO2, Temperature and Relative Humidity
10-2023
EE820 EPLUSE-EE820 Datasheet
1Mb / 7P
CO2 Sensor for Demanding Applications
05-2023
EE850 EPLUSE-EE850 Datasheet
1Mb / 9P
CO2, Humidity and Temperature Duct Sensor
10-2022
EE8915 EPLUSE-EE8915 Datasheet
1Mb / 9P
CO2 Sensor for Railway Applications
08-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com