Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS7142 Datasheet (PDF) - Texas Instruments

ADS7142 Datasheet PDF - Texas Instruments
Part # ADS7142
Download  ADS7142 Download
File Size   1965.18 Kbytes
Page   78 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS7142 Nanopower, Dual-Channel, Programmable Sensor Monitor

ADS7142 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS7142 Datasheet PDF - Texas Instruments

Part # ADS7142
Download  ADS7142 Click to download

File Size   1965.18 Kbytes
Page   78 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS7142 Nanopower, Dual-Channel, Programmable Sensor Monitor

ADS7142 Datasheet (HTML) - Texas Instruments


ADS7142 Product details

1 Features
1• Standalone, Nanopower Sensor Monitor for
Cost-sensitive Designs
• Small Package Size: 1.5 mm x 2 mm
• Efficient Host Sleep and Wake-up
– Autonomous Monitoring at 900 nW
– Windowed Comparator for Event-triggered
Host Wake-up
– Data Buffering during Host Sleep
• Independent Sensor Configuration and Calibration
– Dual-Channel, Pseudo-Differential, or Ground-
Sense Input Configuration
– Programmable Thresholds for Calibration
– Internal Calibration improves Offset and Drift
• False Trigger Prevention
– Programmable Thresholds per Channel
– Programmable Hysteresis for Noise Immunity
– Event Counter for Transient Rejection
• Deep Data Analysis
– Data Buffer for Fault Diagnostics
– High Precision Mode for 16-bit Accuracy
– One-Shot Mode for Fast Data Capture
• I2C™ Interface
– Compatible from 1.65 V to 3.6 V
– 8 Configurable Addresses
– Up to 3.4 MHz (High Speed)
• Wide Operating Range
– Analog Supply: 1.65 V to 3.6 V
– Temperature Range: –40°C to 125°C

2 Applications
• Sensor Nodes for Internet of Things (IoT)
• Gas, Heat, PIR Motion and Smoke Detectors
• Preventive Maintenance for Elevators, Escalators,
HVAC, Industrial Equipment, and so forth
• Wearable Electronics
• Zero Cross Detection for Fault Indicators
• Supervisory Functions
• Comparator with Programmable Reference
• Sensors for Deep Learning Artificial Intelligence

3 Description
The ADS7142 autonomously monitors signals while
optimizing system power, reliability, and performance.
It implements event-triggered interrupts per channel
using a digital windowed comparator with
programmable high and low thresholds, hysteresis,
and event counter. The device includes a dualchannel
analog multiplexer in front of a successive
approximation register analog-to-digital converter
(SAR ADC) followed by an internal data buffer for
converting and capturing data from sensors.
The ADS7142 is available in 10-pin QFN package
and consumes only 900 nW of power. The small
form-factor and low power consumption make this
device suitable for space-constrained and/or batterypowered
applications.




Similar Part No. - ADS7142

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7142 TI1-ADS7142 Datasheet
1Mb / 58P
Nanopower, Dual-Channel, Programmable Sensor Monitor
ADS7142 TI1-ADS7142 Datasheet
1Mb / 74P
Nanopower, Dual-Channel, Programmable Sensor Monitor
ADS7142 TI1-ADS7142 Datasheet
1Mb / 65P
1.8-V, Small-Size, 12-Bit, 140-kSPS, Dual-Channel ADC
ADS7142 TI1-ADS7142 Datasheet
2Mb / 75P
ADS7142-Q1 Automotive, 2-Channel, 12-Bit, 140-kSPS, I2C-Compatible ADC With Programmable Threshold and Host Wake-Up Features
ADS7142-Q1 TI1-ADS7142-Q1 Datasheet
1Mb / 65P
1.8-V, Small-Size, 12-Bit, 140-kSPS, Dual-Channel ADC
More results


Similar Description - ADS7142

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90277 MELEXIS-MLX90277 Datasheet
416Kb / 21P
Dual Programmable Linear Hall Effect Sensor
logo
Linear Technology
LTC2995 LINER-LTC2995 Datasheet
229Kb / 20P
Temperature Sensor and Dual Voltage Monitor
logo
NXP Semiconductors
KMA220 NXP-KMA220 Datasheet
740Kb / 36P
Dual channel programmable angle sensor
Rev. 1-24 May 2012
logo
Infineon Technologies A...
TLE4997A8D INFINEON-TLE4997A8D Datasheet
1Mb / 19P
Programmable Linear Dual Hall Sensor
Revision 1.0, 2014-05-21
logo
Texas Instruments
ADS7142 TI1-ADS7142 Datasheet
1Mb / 58P
Nanopower, Dual-Channel, Programmable Sensor Monitor
ADS7142 TI1-ADS7142_17 Datasheet
1Mb / 74P
Nanopower, Dual-Channel, Programmable Sensor Monitor
logo
NXP Semiconductors
KMA320 NXP-KMA320 Datasheet
998Kb / 72P
Dual channel programmable angle sensor IC
Rev. 3-28 January 2019
logo
Infineon Technologies A...
TLE4999C8 INFINEON-TLE4999C8 Datasheet
967Kb / 26P
Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2020-11-02
logo
NXP Semiconductors
KMA320 NXP-KMA320_V01 Datasheet
1Mb / 71P
Dual channel programmable angle sensor IC
Rev. 6 ??18 May 2022
logo
Infineon Technologies A...
TLE4999C4 INFINEON-TLE4999C4 Datasheet
539Kb / 25P
Programmable dual channel linear Hall sensor with fast SPC interface
v01_00 2021-12-13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com