Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8166 Datasheet (PDF) - Texas Instruments

ADS8166 Datasheet PDF - Texas Instruments
Part # ADS8166
Download  ADS8166 Download
File Size   3148.26 Kbytes
Page   86 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS816x 8-Channel, 16-Bit, 1MSPS, SAR ADC With Direct Sensor Interface

ADS8166 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8166 Datasheet PDF - Texas Instruments

Part # ADS8166
Download  ADS8166 Click to download

File Size   3148.26 Kbytes
Page   86 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS816x 8-Channel, 16-Bit, 1MSPS, SAR ADC With Direct Sensor Interface

ADS8166 Datasheet (HTML) - Texas Instruments


ADS8166 Product details

1 Features
• Compact low-power data acquisition system:
– MUX breakout enables single external driver
amplifier
– 16-bit SAR ADC
– Low-drift integrated reference and buffer
– 0.5 × VREF output for analog input DC biasing
• Excellent AC and DC performance:
– SNR: 92dB, THD: –110dB
– INL: ±0.3LSB, 16-bit no missing codes
• Multiplexer with channel sequencer:
– Multiple channel-sequencing options:
• Manual mode, on-the-fly mode, auto
sequence mode, custom channel
sequencing
– Fast response time with on-the-fly mode
• System monitoring features:
– Per channel programmable window comparator
– False trigger avoidance with programmable
hysteresis
• Enhanced-SPI digital interface:
– 1MSPS throughput with 16MHz SCLK
– High-speed, 50MHz digital interface
• Wide operating range:
– External VREF input range: 2.5V to 5V
– AVDD from 3V to 5.5V
– DVDD from 1.65V to 5.5V
– –40°C to +125°C temperature range

2 Applications
• Chemistry, gas analyzers
• Anesthesia delivery systems
• Mixed modules (AI, AO, DI, DO)
• Intra-DC interconnects (metro)

3 Description
The ADS816x is a family of 16-bit, 8-channel,
high-precision successive approximation register
(SAR) analog-to-digital converters (ADCs). The ADCs
operate from a single 5V supply with a 1MSPS
(ADS8168), 500kSPS (ADS8167), and 250kSPS
(ADS8166) total throughput.
The input multiplexer supports extended settling time,
which makes driving the analog inputs easier. The
output of the multiplexer and ADC analog inputs are
available as device pins. This configuration allows one
ADC driver op amp to be used for all eight analog
inputs of the multiplexer.
The ADS816x features a digital window comparator
with programmable high and low alarm thresholds per
analog input channel. The single op-amp solution with
programmable alarm thresholds enables low power,
low cost, and smallest form-factor applications.




Similar Part No. - ADS8166

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8166 TI1-ADS8166 Datasheet
1Mb / 82P
8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166 TI1-ADS8166 Datasheet
1Mb / 83P
8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
ADS8166 TI1-ADS8166 Datasheet
2Mb / 93P
8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
ADS8166 TI1-ADS8166 Datasheet
2Mb / 93P
8-Channel, 16-Bit, 1-MSPS, SAR ADC With Easy-to-Drive Analog Inputs
ADS8166IRHBR TI1-ADS8166IRHBR Datasheet
1Mb / 83P
8-Channel, 16-Bit, 1-MSPS SAR ADC With Easy to Drive Analog Inputs
More results


Similar Description - ADS8166

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2393-16 LINER-LTC2393-16 Datasheet
219Kb / 24P
16-Bit, 1Msps SAR ADC With 94dB SNR
logo
Analog Devices
AD7298 AD-AD7298 Datasheet
1Mb / 18P
8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
logo
Linear Technology
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
16-Bit, 1Msps SAR ADC With 94db SNR
LTC2383-16 LINER-LTC2383-16 Datasheet
1Mb / 24P
16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
LTC2383-16 LINER-LTC2383-16_15 Datasheet
1Mb / 24P
16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
LTC2393-16 LINER-LTC2393-16_15 Datasheet
225Kb / 24P
16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-18 LINER-LTC2373-18_15 Datasheet
1Mb / 50P
18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-18 LINER-LTC2373-18 Datasheet
1Mb / 50P
18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com