Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7298 Datasheet (PDF) - Analog Devices

AD7298 Datasheet PDF - Analog Devices
Part # AD7298
Download  AD7298 Download
File Size   1388.63 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor

AD7298 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7298 Datasheet PDF - Analog Devices

Part # AD7298
Download  AD7298 Click to download

File Size   1388.63 Kbytes
Page   18 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor

AD7298 Datasheet (HTML) - Analog Devices


AD7298 Product details

GENERAL DESCRIPTION
The AD7298 is a 12-bit, high speed, low power, 8-channel, successive approximation ADC with an internal temperature sensor. The part operates from a single 3.3 V power supply and features throughput rates up to 1 MSPS. The device contains a low noise, wide bandwidth track-and-hold amplifier that can handle input frequencies in excess of 30 MHz.

FEATURES
   12-bit SAR ADC
      8 single-ended inputs
      Channel sequencer functionality
      Fast throughput of 1 MSPS
      Analog input range: 0 V to 2.5 V
   12-bit temperature-to-digital converter
   Temperature sensor accuracy of ±1°C
   Temperature range: −40°C to +125°C
   Specified for VDD: 2.8 V to 3.6 V
   Logic voltage VDRIVE : 1.65 V to 3.6 V
   Power-down current: <10 μA
   Internal 2.5 V reference
   Internal power-on reset
   High speed serial interface SPI
   20-lead LFCSP




Similar Part No. - AD7298

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7298 AD-AD7298 Datasheet
494Kb / 28P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7298 AD-AD7298 Datasheet
452Kb / 25P
Temperature Sensor
27-Sep-2017
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
8-Channel, 1 MSPS, 10-Bit SAR ADC
REV. A
AD7298-1 AD-AD7298-1 Datasheet
764Kb / 25P
8-Channel, 1 MSPS, 10-Bit SAR ADC
23-Feb-2017
AD7298-1BCPZ AD-AD7298-1BCPZ Datasheet
739Kb / 24P
8-Channel, 1 MSPS, 10-Bit SAR ADC
REV. A
More results


Similar Description - AD7298

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1545 AMSCO-AS1545 Datasheet
1Mb / 34P
Dual, 12-Bit, 1MSPS, SAR ADC
logo
Analog Devices
AD7291 AD-AD7291 Datasheet
436Kb / 21P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. PrC
logo
ams AG
AS1545 AMSCO-AS1545_1 Datasheet
1Mb / 34P
Dual, 12-Bit, 1MSPS, SAR ADC
logo
Analog Devices
AD7291 AD-AD7291_11 Datasheet
494Kb / 28P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
logo
Linear Technology
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-18 LINER-LTC2373-18_15 Datasheet
1Mb / 50P
18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
logo
Asahi Kasei Microsystem...
AK9240 AKM-AK9240 Datasheet
190Kb / 3P
AFE with Dual 12-Bit 1MSPS SAR ADC
logo
Analog Devices
AD7291 AD-AD7291_16 Datasheet
509Kb / 29P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
Rev. C
logo
Linear Technology
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-18 LINER-LTC2373-18 Datasheet
1Mb / 50P
18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com