Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet (PDF) - ams AG

AS1545 Datasheet PDF - ams AG
Part # AS1545
Download  AS1545 Download
File Size   1505.08 Kbytes
Page   34 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Dual, 12-Bit, 1MSPS, SAR ADC

AS1545 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1545 Datasheet PDF - ams AG

Part # AS1545
Download  AS1545 Click to download

File Size   1505.08 Kbytes
Page   34 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Dual, 12-Bit, 1MSPS, SAR ADC

AS1545 Datasheet (HTML) - ams AG


AS1545 Product details

General Description

The AS1545 is a dual, 12-bit, 6-channel, 1 MSPS, high speed, successive approximation (SAR) analog-to-digital converters (ADCs). The AS1545 is designed to operate with a single +2.7V to +5.25V supply and a sampling rate of up to 1 MSPS.



Key Features

Sampling Rate: 1MSPS per ADC

Dual 12-bit serial interface

Software Configurable Analog Input Types:

  - 12-Channel Single-Ended

  - 6-Channel Pseudo-Differential

  - 6-Channel Fully Differential

Internal +2.5V Reference or External: 1V to VDD

Rail to Rail Common Mode Input Range

Low-Power Consumption

  - 15mW max. at 1MSPS with 2.7V supplies

  - 37mW max. at 1MSPS with 5.25V supplies

Dual conversion with read at 20 MHz SCLK

Single-Supply Operation: +2.7V to +5.25V

Motor Control Registers: Difference of Inputs, Quadrature Signal Phases, Direction and Step Down Counter

32-lead TQFN Package



Applications

The device is ideal for motor control like encoder feed back or current sense, motion control such as robotics, sonar, or for any other radio frequency identification.




Similar Part No. - AS1545

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1545-BQFT AMSCO-AS1545-BQFT Datasheet
1Mb / 34P
Dual, 12-Bit, 1MSPS, SAR ADC
AS1545 AMSCO-AS1545_1 Datasheet
1Mb / 34P
Dual, 12-Bit, 1MSPS, SAR ADC
More results


Similar Description - AS1545

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7298 AD-AD7298 Datasheet
1Mb / 18P
8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
logo
ams AG
AS1545 AMSCO-AS1545_1 Datasheet
1Mb / 34P
Dual, 12-Bit, 1MSPS, SAR ADC
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
12-Bit, 1MSPS SAR ADCs
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Asahi Kasei Microsystem...
AK9231 AKM-AK9231 Datasheet
341Kb / 11P
Dual 12-Bit 1MSPS SAR A/D Converter
AK9240 AKM-AK9240 Datasheet
190Kb / 3P
AFE with Dual 12-Bit 1MSPS SAR ADC
logo
Linear Technology
LTC2335 LINER-LTC2335 Datasheet
5Mb / 10P
16-/18-Bit, Octal 1Msps, SAR ADC
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
12-Bit, 1MSPS SAR ADCs
logo
Maxim Integrated Produc...
MAX11960 MAXIM-MAX11960 Datasheet
3Mb / 31P
Dual Simultaneous Sampling, 20-Bit, 1Msps, Differential SAR ADC
2016
logo
Renesas Technology Corp
ISL73141SEH RENESAS-ISL73141SEH Datasheet
1Mb / 28P
Radiation Hardened 14-Bit 1MSPS SAR ADC
Feb 23, 2023
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com