Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 7 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 7 Page - ams AG

Back Button AS1545 Datasheet HTML 3Page - ams AG AS1545 Datasheet HTML 4Page - ams AG AS1545 Datasheet HTML 5Page - ams AG AS1545 Datasheet HTML 6Page - ams AG AS1545 Datasheet HTML 7Page - ams AG AS1545 Datasheet HTML 8Page - ams AG AS1545 Datasheet HTML 9Page - ams AG AS1545 Datasheet HTML 10Page - ams AG AS1545 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
7 - 34
AS1545
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Twos Complement Output Coding
Positive Gain Error
Fully Differential Mode
±2
LSB
Positive Gain Error Match
±0.5
Zero Code Error
±0.5
±5
LSB
Zero Code Error Match
±0.5
Negative Gain Error
±2
LSB
Negative Gain Error Match
±0.5
Analog Input
VINx
Single Ended Input Voltage
Ranges
Bit RANGE = 0
0
VREF
V
Bit RANGE = 1
0
2xVREF
VINx - VINy
Pseudo Differential Input
Voltage Ranges
Bit RANGE = 0
VCM
VCM+VREF
V
Bit RANGE = 1
VCM
VCM+
2xVREF
VINx &
VINy
Differential Input Voltage
Ranges
Bit RANGE = 0
VCM-
VREF/2
VCM+
VREF/2
V
Bit RANGE = 1
VCM-
VREF
VCM+
VREF
VCM
Common Mode Voltage
0
VDD
V
Leakage Current
±1
µA
Absolute Analog Input Voltage
0
VDD
V
Input Capacitance
Track Mode
15
pF
Hold Mode
8
pF
Reference Input/Output
REFIN
Input Voltage Range
1
VDD
V
REFOUT
Output Reference Voltage
2.475
2.5
2.525
V
ILEAK
Leakage Current
±1
µA
Input Capacitance
30
pF
REFA, REFB Output
Impedance
5
Ω
REFOUT
TEMPCO
Reference Temperature
Coefficient
30
ppm/ºC
Logic Inputs
VIH
Input High Voltage
VDD < 5V
0.7x
VDRIVE
V
VDD > 5V
2.8
VIL
Input Low Voltage
0.4
V
IIN
Input Current
VIN = 0 V or VDRIVE
-1
+1
µA
CIN
Input Capacitance
5
pF
Logic Outputs
VOH
Output High Voltage
ISOURCE = 200µA
VDRIVE
- 0.2
V
VOL
Output Low Voltage
ISINK = 200µA
0.4
V
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com