Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 18 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 18 Page - ams AG

Back Button AS1545 Datasheet HTML 14Page - ams AG AS1545 Datasheet HTML 15Page - ams AG AS1545 Datasheet HTML 16Page - ams AG AS1545 Datasheet HTML 17Page - ams AG AS1545 Datasheet HTML 18Page - ams AG AS1545 Datasheet HTML 19Page - ams AG AS1545 Datasheet HTML 20Page - ams AG AS1545 Datasheet HTML 21Page - ams AG AS1545 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
18 - 34
AS1545
Data Sheet - D e t a i l e d D e s c r i p t i o n
9 Detailed Description
The AS1545 is a dual, 6-channel (six single-ended, three pseudo-differential or three fully-differential for each
multiplexer), 12-bit, 1 MSPS, high speed, successive approximation (SAR) analog-to-digital converter (ADC). The
AS1545 is designed to operate with a single +2.7V to +5.25V supply and a sampling rate of up to 1 MSPS. The serial
interface provides easy interfacing to microprocessors.
The AS1545 feature two on-chip, differential track-and-hold amplifiers, two successive approximation ADCs, and a
serial interface with two separate data output pins on a single die. The AS1545 is available in a 32-lead TQFN
package, offering the user considerable space-saving advantage.
The AS1545 can convert analog input signals in the range [0V to VREFIN] or [0V to 2 x VREFIN] in single-ended or
pseudo-differential mode or [-VREFIN/2 to +VREFIN/2] or [-VREFIN to +VREFIN] in fully differential mode. The AS1545 has
an on-chip 2.5V reference that can be overdriven when an external reference is preferred. If the internal reference is to
be used then the output needs to be buffered first. The AS1545 also features power-down options to allow power
saving between conversions. The power-down feature is implemented via the standard serial interface.
Analog Input
The AS1545 consists of successive approximation ADCs, each around two capacitive DACs and 12 analog inputs.
Each on-board ADC has six analog inputs that can be configured as six single-ended channels, three pseudo
differential channels, or three fully differential channels. Figure 32 and Figure 33 shows one of these ADCs in
acquisition and conversion phase, respectively. The ADC consists of a control logic, a SAR, and two capacitive DACs.
Figure 32. ADC Acquisition
Acquisition Time
During data acquisition time (tACQ) SW3 is closed, SW1 and SW2 are in track position, the comparator is held in a
balanced condition, and the sampling capacitor arrays acquire the differential signal on the input. At the raising edge of
the CSN signal, SW3 opens and SW1 and SW2 go into hold position, causing the comparator to become unbalanced.
Both inputs are disconnected once the conversion begins. The control logic and the charge redistribution DACs are
used to add and subtract fixed amounts of charge from the sampling capacitor arrays to bring the comparator back into
a balanced condition. When the comparator is rebalanced, the conversion is complete. The control logic generates the
ADC output code. The output impedances of the sources driving the AIN+ and AIN- pins must be matched. Otherwise,
the two inputs will have different settling times, resulting in errors.
Figure 33. ADC Conversion Phase
CS
CS
SW1
SW2
+
-
COMPARATOR
CAPACITIVE
DAC
CAPACITIVE
DAC
CONTROL
LOGIC
A
A
B
B
SW3
VREF
AIN+
AIN-
CH0
CH1
CH2
CH3
CH4
CH5
CSWITCH includes all parasitics
Analog Input
Multiplexer
RIN
RIN
11pF
11pF
CS
CS
SW1
SW2
+
-
COMPARATOR
CAPACITIVE
DAC
CAPACITIVE
DAC
CONTROL
LOGIC
A
A
B
B
SW3
VREF
AIN+
AIN-
CH0
CH1
CH2
CH3
CH4
CH5
CSWITCH includes all parasitics
Analog Input
Multiplexer
RIN
RIN
11pF
11pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com