Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 11 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 11 Page - ams AG

Back Button AS1545 Datasheet HTML 7Page - ams AG AS1545 Datasheet HTML 8Page - ams AG AS1545 Datasheet HTML 9Page - ams AG AS1545 Datasheet HTML 10Page - ams AG AS1545 Datasheet HTML 11Page - ams AG AS1545 Datasheet HTML 12Page - ams AG AS1545 Datasheet HTML 13Page - ams AG AS1545 Datasheet HTML 14Page - ams AG AS1545 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
11 - 34
AS1545
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 10. Supply Current vs. Sampling Rate;
Figure 11. Supply Current vs. Supply Voltage;
0
1
2
3
4
5
6
7
8
9
10
0
200
400
600
800
1000
Sampling Rate (ksps)
Vdd=5V
Vdd=3V
0
1
2
3
4
5
6
7
8
9
10
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
Supply Voltage (V)
1M SPS
st at ic
Figure 12. Supply Current vs. Temperature;
Figure 13. Full Power-Down Current vs. VIN;
0
1
2
3
4
5
6
7
8
9
10
-45 -30
-15
0
15
30
45
60
75
90
Temperature (°C)
Vdd=5V, 1M SPS
Vdd=5V, st at ic
Vdd=3V, 1M SPS
Vdd=3V, st at ic
0
1
2
3
4
5
6
7
8
9
10
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
Supply Voltage (V)
Figure 14. Full Power-Down Current vs. Temperature;
Figure 15. Partitial Power-Down Current vs. Temp.;
0
2
4
6
8
10
12
14
16
18
20
-45 -30
-15
0
15
30
45
60
75
90
Temperature (°C)
Vdd=5V
Vdd=3V
370
390
410
430
450
470
490
510
-45 -30 -15
0
15
30
45
60
75
90
Temperature (°C)
Vdd=5V
Vdd=3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com