Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 29 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 29 Page - ams AG

Back Button AS1545 Datasheet HTML 25Page - ams AG AS1545 Datasheet HTML 26Page - ams AG AS1545 Datasheet HTML 27Page - ams AG AS1545 Datasheet HTML 28Page - ams AG AS1545 Datasheet HTML 29Page - ams AG AS1545 Datasheet HTML 30Page - ams AG AS1545 Datasheet HTML 31Page - ams AG AS1545 Datasheet HTML 32Page - ams AG AS1545 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
29 - 34
AS1545
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 52. Reading Data from Both ADCs on One DOUT Line with 32 SCLKs
Figure 53. 32 SCLKs Data transfer for all modes in DOUTA, DOUTB
Difference calculator and quadrature signals calculator
The AS1545 internally calculates the difference between the output codes of ADC A and ADC B. There are several
requirements that need to be taken into account in order to work with the difference calculator. First off, the output data
of both ADCs needs to be in straight binary coding. This means that the difference calculator will only give the correct
results in single ended and pseudo differential modes. Also, it is important to note that in order to read the data from
the difference calculator we must read all 32 bits of data of the ADC, therefore reducing the overall sampling rate of the
ADC by half.
The difference calculator will always give you a 13 bit two’s complement result. The first bit is the sign of the operation
and the next 12 bits are the data. For simplicity in the design, an systematic error of 1 LSB can be expected from the
difference calculator.
Below we have an detailed example describing the operation of the difference calculator.
Let’s assume that VINA = 1.667V VINB = 2V VREF = 2.5V and we are working in single ended mode.
DOUT_A = 1010 1010 1010 or 2730 in decimal
DOUT_B = 1100 1100 1100 or 3276 in decimal
The difference should be 2730-3276=-546 in decimal
In 2’s complement -546 is 1 1101 1101 1110 in binary. This is a 1 for the minus sign plus 4096-546=3550 in decimal
which corresponds to 1101 1101 1110 in binary
As stated before, there is a -1LSB error in the operation so the actual output should be -547 in decimal which
corresponds to 1 1101 1101 1101 in binary which is the result that the difference calculator clocks out.
1
2
3
4
5
tCH
0
0
0
DB11A DB10A
0
0
0
THREE-
STATE
3 LEADING
ZEROES
THREE-
STATE
DOUTA
SCLK
CSN
tCSS
18
tCL
tDOH
tCSDOE
32
15
16
17
0
DB11B
DB0B
0
tDOD
1 TRAILING ZERO
3 LEADING ZEROES
1 TRAILING
ZERO
tDOV
000
SDATA_A
00
0+SDATA_B
0
000
SDATA_A
Counter + DIR + A + B
0
000
SDATA_A
DIF
0
DOUTA
CSN
DOUTA*
DOUTB
* only applicable when SGL/DIFF = 0
; Α2=1, Α1=1, Α0=0
0
00
0
00
0
16bit
16bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com