Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 13 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 13 Page - ams AG

Back Button AS1545 Datasheet HTML 9Page - ams AG AS1545 Datasheet HTML 10Page - ams AG AS1545 Datasheet HTML 11Page - ams AG AS1545 Datasheet HTML 12Page - ams AG AS1545 Datasheet HTML 13Page - ams AG AS1545 Datasheet HTML 14Page - ams AG AS1545 Datasheet HTML 15Page - ams AG AS1545 Datasheet HTML 16Page - ams AG AS1545 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
13 - 34
AS1545
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 22. ENOB vs. ReferenceVoltage;
Figure 23. THD vs. Input Frequency, Single-Ended;
11
11.2
11.4
11.6
11.8
12
1
1.5
2
2.533.544.5
5
Reference Voltage (V)
Vdd=5V
Vdd=3V
-90
-85
-80
-75
-70
-65
10
100
1000
Input Frequency (kHz)
Rin=10Ohm
Rin=50Ohm
Rin=100Ohm
Rin=1kOhm
Figure 24. THD vs. Input Frequency, Single-Ended;
Figure 25. THD vs Input Frequency, Differential;
-90
-85
-80
-75
-70
-65
-60
-55
-50
10
100
1000
Input Frequency (kHz)
Vdd=2.7V
Vdd=3.6V
Vdd=4.5V
Vdd=5.25V
-90
-85
-80
-75
-70
-65
-60
10
100
1000
Input Frequency (kHz)
Vdd=2.7V
Vdd=3.6V
Vdd=4.5V
Vdd=5.25V
Figure 26. ENOB vs. Input Frequency, Single-Ended;
Figure 27. ENOB vs. Input Frequency, Differential;
10
10.4
10.8
11.2
11.6
12
10
100
1000
Input Frequency (kHz)
Vdd=5.25V
Vdd=4.5V
Vdd=3.6V
Vdd=2.7V
10
10.4
10.8
11.2
11.6
12
10
100
1000
Input Frequency (kHz)
Vdd=5.25V
Vdd=4.5V
Vdd=3.6V
Vdd=2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com