Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 16 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 16 Page - ams AG

Back Button AS1545 Datasheet HTML 12Page - ams AG AS1545 Datasheet HTML 13Page - ams AG AS1545 Datasheet HTML 14Page - ams AG AS1545 Datasheet HTML 15Page - ams AG AS1545 Datasheet HTML 16Page - ams AG AS1545 Datasheet HTML 17Page - ams AG AS1545 Datasheet HTML 18Page - ams AG AS1545 Datasheet HTML 19Page - ams AG AS1545 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
16 - 34
AS1545
Data Sheet - Te r m i n o l o g y
Zero Code Error
The Zero Code Error is the deviation of the midscale transition (all 0xFFFh to all 0x000h in 2’s complement output
coding) from the ideal input voltage (VIN+ - VIN- = 0V) in Fully Differential Mode.
Zero Code Error =
Zero Code Error Match
The Zero Code Error Match defines the maximum deviation of the Zero Code Errors across all 6 channels of VIN in
Fully Differential Mode (2’s complement output coding).
Positive Gain Error
The Positive Gain Error is the deviation last code transition (0x7FEh) to (0x7FFh) in 2’s complement output coding
from the ideal input voltage (VIN+ - VIN- = +VREF - 0.5LSB @ Range=1 and +VREF/2 - 0.5LSB @ Range=0) in Fully
Differential Mode.
Positive Gain Error =Zero Code Error –
Negative Gain Error
The Negative Gain Error is the deviation first code transition (0x800h) to (0xFFFh) in 2’s complement output coding
from the ideal input voltage (VIN+ - VIN- = -VREF + 0.5LSB @ Range=1 and -VREF/2 + 0.5LSB @ Range=0) in Fully
Differential Mode.
Negative Gain Error =
Positive / Negative Gain Error Match
The Positive / Negative Gain Error Match defines the maximum deviation of the Positive / Negative Gain Errors across
all 6 channels of VIN in Fully Differential Mode (2’s complement output coding).
Signal-to-Noise Plus Distortion (SINAD)
The Signal to Noise Plus Distortion Ratio defines the ratio between the RMS value of the fundamental (input signal)
and the equivalent RMS value of all other spectral components below one-half the sampling frequency, including
harmonics but excluding DC. SINAD will be equal to SNR in an distortion free ADC.
Effective Number of Bits (ENOB)
The Effective Number of Bits indicates the actual resolution of the converter. The ENOB can be calculated from the
Signal to Noise Plus Distortion Ratio (SINAD).
ENOB =
Signal-to-Noise Ratio (SNR)
The Signal to Noise Ratio defines the ratio between the RMS value of the fundamental (input signal) to the RMS value
of the sum of all other spectral components below one-half of the sampling frequency, excluding harmonics and DC.
The theoretical SNR for an ideal N bit ADC is limited by the quantization error and is described by the formula:
SNR = 6.02*N +1.76 (dB)
Therefore, for a 12-bit ADC, the maximum SNR is 74dB.
VINP
VINN
–
VREF
-----------------------------------
4096
2048
+
×
AVG MeasuredCodes
()
–
VINP
VINN
–
VREF
-----------------------------------
4096
2048
+
×
AVG MeasuredCodes
()
–
⎩⎭
⎨⎬
⎧⎫
VINP
VINN
–
VREF
-----------------------------------
4096
2048
+
×
AVG MeasuredCodes
()
–
⎩⎭
⎨⎬
⎧⎫
ZeroCodeError
–
SINAD
1,76
–
6,02
----------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com