Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 14 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 14 Page - ams AG

Back Button AS1545 Datasheet HTML 10Page - ams AG AS1545 Datasheet HTML 11Page - ams AG AS1545 Datasheet HTML 12Page - ams AG AS1545 Datasheet HTML 13Page - ams AG AS1545 Datasheet HTML 14Page - ams AG AS1545 Datasheet HTML 15Page - ams AG AS1545 Datasheet HTML 16Page - ams AG AS1545 Datasheet HTML 17Page - ams AG AS1545 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
14 - 34
AS1545
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 28. SNR vs. Input Frequency, Single-Ended;
Figure 29. SNR vs. Input Frequency, Differential;
55
60
65
70
75
10
100
1000
Input Frequency (kHz)
Vdd=5.25V
Vdd=4.5V
Vdd=3.6V
Vdd=2.7V
60
62
64
66
68
70
72
74
10
100
1000
Input Frequency (kHz)
Vdd=5.25V
Vdd=4.5V
Vdd=3.6V
Vdd=2.7V
Figure 30. INL/DNL vs. Reference Voltage, VDD = 3V;
Figure 31. INL/DNL vs. Reference Voltage, VDD = 5V;
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1
1.522.5
3
Reference Voltage (V)
INLmax
INLmin
DNLmax
DNLmin
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1
1.5
2
2.5
3
3.5
4
4.5
5
Reference Voltage (V)
INLmax
INLmin
DNLmax
DNLmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com