Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 8 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 8 Page - ams AG

Back Button AS1545 Datasheet HTML 4Page - ams AG AS1545 Datasheet HTML 5Page - ams AG AS1545 Datasheet HTML 6Page - ams AG AS1545 Datasheet HTML 7Page - ams AG AS1545 Datasheet HTML 8Page - ams AG AS1545 Datasheet HTML 9Page - ams AG AS1545 Datasheet HTML 10Page - ams AG AS1545 Datasheet HTML 11Page - ams AG AS1545 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
8 - 34
AS1545
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Floating State Leakage
Current
DOUT = GND or VDD
±1
µA
Floating State Output
Capacitance
7pF
Output Coding
Straight binary
(Single-Ended &
Pseudo-Differential)
Two’s complement
(Fully Differential)
Conversion Rate
tCONV
Conversion Time
Exclusive of tACQ
15tSCLK
tACQ
Track/Hold Acquisition Time
Full-scale step input; VDD = 5V
90
ns
Full-scale step input; VDD = 3V
110
Throughput Rate
1
MSPS
Power Requirements
VDD
Positive Supply Voltage
AVDD = DVDD
2.7
5.25
V
VDRIVE
Interface Supply Voltage
2.7
AVDD/
DVDD
V
IDDA+IDDD
Normal Mode (Static)
VDD = 5.25V, internal Ref. on
4
5
mA
Operational, fS = 1 MSPS
VDD = 5.25V, internal Ref. on
6.5
7
mA
VDD = 2.7V, internal Ref. on
5.2
5.5
mA
Partial Power-Down Mode
VDD = 5.25V, internal Ref. on,
Static
500
µA
Full Power-Down Mode
1
µA
PD
Operational, fS = 1 MSPS
VDD = 5.25V, internal Ref. on
36.75
mW
Partial Power-Down
VDD = 5.25V, internal Ref. on
2.6
mW
Full Power-Down
5.25
µW
Table 3. Electrical Characteristics (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com