Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 1 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 1 Page - ams AG

  AS1545 Datasheet HTML 1Page - ams AG AS1545 Datasheet HTML 2Page - ams AG AS1545 Datasheet HTML 3Page - ams AG AS1545 Datasheet HTML 4Page - ams AG AS1545 Datasheet HTML 5Page - ams AG AS1545 Datasheet HTML 6Page - ams AG AS1545 Datasheet HTML 7Page - ams AG AS1545 Datasheet HTML 8Page - ams AG AS1545 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
AS1545
Dual, 12-Bit, 1MSPS, SAR ADC
Dat a Sh eet
www.austriamicrosystems.com
Revision 1.00
1 - 34
1 General Description
The AS1545 is a dual, 12-bit, 6-channel, 1 MSPS, high
speed, successive approximation (SAR) analog-to-
digital converters (ADCs). The AS1545 is designed to
operate with a single +2.7V to +5.25V supply and a
sampling rate of up to 1 MSPS.
The device contains two ADCs, each preceded by a 6-
channel multiplexer and a high-bandwidth track/hold
amplifier. Data access is made via standard control
inputs in support of wide range of microprocessors and
DSPs.
The device requires very low supply-current at the
1MSPS maximum sampling speed, and features flexible
power-down modes to reduce power consumption at
slower throughput rate.
The AS1545 contains an internal 2.5V reference and
integrated reference buffer that can be over driven when
an external reference is required.
Superior AC characteristics, low power consumption,
and highly reliable packaging makes the AS1545 perfect
for portable battery-powered remote sensors and data-
acquisition devices.
The AS1545 is available in a 32-lead TQFN package.
Figure 1. Block Diagram
2 Key Features
!
Sampling Rate: 1MSPS per ADC
!
Dual 12-bit serial interface
!
Software Configurable Analog Input Types:
- 12-Channel Single-Ended
- 6-Channel Pseudo-Differential
- 6-Channel Fully Differential
!
Internal +2.5V Reference or External: 1V to VDD
!
Rail to Rail Common Mode Input Range
!
Low-Power Consumption
- 15mW max. at 1MSPS with 2.7V supplies
- 37mW max. at 1MSPS with 5.25V supplies
!
Dual conversion with read at 20 MHz SCLK
!
Single-Supply Operation: +2.7V to +5.25V
!
Motor Control Registers: Difference of Inputs,
Quadrature Signal Phases, Direction and Step
Down Counter
!
32-lead TQFN Package
3 Applications
The device is ideal for motor control like encoder feed-
back or current sense, motion control such as robotics,
sonar, or for any other radio frequency identification.
BIN 1
BIN 2
BIN 3
BIN 4
BIN 5
AIN 0
AIN 1
AIN 2
AIN 3
AIN 4
AIN 5
BIN 0
Control Logic
and
System Control
Registers
12-Bit
SAR and A/D
Conversion
Control
REF_SELECT
12-Bit
SAR and A/D
Conversion
Control
BUF
BUF
T/H
T/H
MUX
REF
MUX
OutPut
Drivers
OutPut
Drivers
REFA
AVDD
DVDD
SCLK
CSN
RANGE
DOUTA
SGL/DIFF
A0
A1
A2
VDRIVE
DOUTB
DGND
DGND
REFB
AGND
AGND
AGND
System
Control
Registers


Similar Part No. - AS1545

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1545-BQFT AMSCO-AS1545-BQFT Datasheet
1Mb / 34P
Dual, 12-Bit, 1MSPS, SAR ADC
AS1545 AMSCO-AS1545_1 Datasheet
1Mb / 34P
Dual, 12-Bit, 1MSPS, SAR ADC
More results

Similar Description - AS1545

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7298 AD-AD7298 Datasheet
1Mb / 18P
8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
logo
ams AG
AS1545 AMSCO-AS1545_1 Datasheet
1Mb / 34P
Dual, 12-Bit, 1MSPS, SAR ADC
logo
Intersil Corporation
ISL267450 INTERSIL-ISL267450 Datasheet
747Kb / 19P
12-Bit, 1MSPS SAR ADCs
ISL267450IBZ INTERSIL-ISL267450IBZ Datasheet
744Kb / 19P
12-Bit, 1MSPS SAR ADCs
August 10, 2012
logo
Asahi Kasei Microsystem...
AK9231 AKM-AK9231 Datasheet
341Kb / 11P
Dual 12-Bit 1MSPS SAR A/D Converter
AK9240 AKM-AK9240 Datasheet
190Kb / 3P
AFE with Dual 12-Bit 1MSPS SAR ADC
logo
Linear Technology
LTC2335 LINER-LTC2335 Datasheet
5Mb / 10P
16-/18-Bit, Octal 1Msps, SAR ADC
logo
Renesas Technology Corp
ISL267450 RENESAS-ISL267450 Datasheet
1Mb / 19P
12-Bit, 1MSPS SAR ADCs
logo
Maxim Integrated Produc...
MAX11960 MAXIM-MAX11960 Datasheet
3Mb / 31P
Dual Simultaneous Sampling, 20-Bit, 1Msps, Differential SAR ADC
2016
logo
Renesas Technology Corp
ISL73141SEH RENESAS-ISL73141SEH Datasheet
1Mb / 28P
Radiation Hardened 14-Bit 1MSPS SAR ADC
Feb 23, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com