Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 24 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 24 Page - ams AG

Back Button AS1545 Datasheet HTML 20Page - ams AG AS1545 Datasheet HTML 21Page - ams AG AS1545 Datasheet HTML 22Page - ams AG AS1545 Datasheet HTML 23Page - ams AG AS1545 Datasheet HTML 24Page - ams AG AS1545 Datasheet HTML 25Page - ams AG AS1545 Datasheet HTML 26Page - ams AG AS1545 Datasheet HTML 27Page - ams AG AS1545 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
24 - 34
AS1545
Data Sheet - D e t a i l e d D e s c r i p t i o n
Figure 42. Straight Binary Transfer Function for
Figure 43. Straight Binary Transfer Function for
Single-Ended, RANGE = 0
Single-Ended, RANGE = 1
Figure 44. Two’s Complement Transfer Function for
Figure 45. Two’s Complement Transfer Function for
Differential, RANGE = 0
Differential, RANGE = 1
Digital Inputs
VDRIVE Functionality
The AS1545 also has a VDRIVE feature to control the voltage at which the serial interface operates and allows the ADC
to easily interface to both 3V and 5V processors. For example, if the AS1545 was operated with a VDD of 5V, the
VDRIVE pin could be powered from a 3V supply, allowing a large dynamic range with low voltage digital processors.
Therefore, the AS1545 could be used with the 2 × VREF input range, with a VDD of 5V while still being able to interface
to 3V digital parts.
11...111
11...110
11....101
00...011
00...010
00...001
00...000
11...111
11...110
11....101
00...011
00...010
00...001
00...000
01
2
3
Input Voltage VINx (LSB)
FS - 3/2LSB
Full Scale = VREF
Zero Scale = 0
1LSB = VREF/4096
0
1
2
3
Input Voltage VINx - VINy (LSB)
FS - 3/2LSB
Full Scale
(FS)
Transition
Full Scale = +2VREF
Zero Scale = 0
1LSB = VREF/4096
Full Scale
(FS)
Transition
011....111
011...110
000...010
000...001
000...000
111...111
111...110
111...101
100...001
100...000
-FS
ZS
Input Voltage VINx (LSB)
+FS - 1LSB
011....111
011...110
000...010
000...001
000...000
111...111
111...110
111...101
100...001
100...000
-FS
ZS
Input Voltage VINx - VINy (LSB)
+FS - 1LSB
Full Scale = VREF/2
Zero Scale = -VREF/2
1LSB = VREF/4096
Full Scale = +VREF
Zero Scale = -VREF
1LSB = VREF/4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com