Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 6 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 6 Page - ams AG

Back Button AS1545 Datasheet HTML 2Page - ams AG AS1545 Datasheet HTML 3Page - ams AG AS1545 Datasheet HTML 4Page - ams AG AS1545 Datasheet HTML 5Page - ams AG AS1545 Datasheet HTML 6Page - ams AG AS1545 Datasheet HTML 7Page - ams AG AS1545 Datasheet HTML 8Page - ams AG AS1545 Datasheet HTML 9Page - ams AG AS1545 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
6 - 34
AS1545
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
AVDD = DVDD = 2.7V to 5.25V, VDRIVE = 2.7 V to AVDD/DVDD, fSCLK = 20 MHz, fSAMPLE = 1 MSPS, TAMB = -40 to
+85°C, external reference = 2.5V, RANGE = 0, Typical values at 5.25V and 25°C with external reference; Unless oth-
erwise specified.
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Dynamic Specifications 50kHz sinewave input
SINAD
Signal to Noise + Distortion
Ratio
Fully Differential Mode
70
72
dB
SNR
Signal-to-Noise Ratio
71
72.5
THD
Total Harmonic Distortion
-81
-77
SFDR
Spurious-Free Dynamic
Range
-83
-75
SINAD
Signal to Noise + Distortion
Single Ended or Pseudo
Differential Mode
68
72
dB
SNR
Signal-to-Noise Ratio
69
72.5
THD
Total Harmonic Distortion
-81
-73
SFDR
Spurious-Free Dynamic
Range
-83
-75
IMD
Intermodulation Distortion
Second Order Terms
-75
dB
Third Order Terms
-100
Channel-to-Channel Isolation
-90
Sample and Hold
Aperture Delay
13
ns
Aperture Jitter
30
ps
Aperture Delay Matching
200
ps
Full Power Bandwidth
3 dB, VDD = 5V
39
MHz
3 dB, VDD = 3V
35
0.1 dB, VDD = 5V
3.1
MHz
0.1 dB, VDD = 3V
2.9
DC Accuracy
Resolution
12
Bits
Integral Nonlinearity
Fully Differential Mode
±0.4
±0.99
LSB
Single-Ended and Pseudo
Differential Modes
±0.4
±0.99
Differential Nonlinearity
Differential mode
±0.25
±0.99
LSB
Single-Ended and Pseudo
Differential Modes
±0.25
±0.99
Straight Binary Output Coding
Offset Error
Single-Ended and Pseudo-
Differential Mode
±0.5
±6
LSB
Offset Error Match
±0.5
Gain Error
±0.75
±2.5
LSB
Gain Error Match
±0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com