Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 32 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 32 Page - ams AG

Back Button AS1545 Datasheet HTML 26Page - ams AG AS1545 Datasheet HTML 27Page - ams AG AS1545 Datasheet HTML 28Page - ams AG AS1545 Datasheet HTML 29Page - ams AG AS1545 Datasheet HTML 30Page - ams AG AS1545 Datasheet HTML 31Page - ams AG AS1545 Datasheet HTML 32Page - ams AG AS1545 Datasheet HTML 33Page - ams AG AS1545 Datasheet HTML 34Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
32 - 34
AS1545
Data Sheet - P a c k age Drawin gs an d Ma rkings
12 Package Drawings and Markings
Figure 55. 32-lead TQFN Package
Note:
1. Dimensioning and tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters, angle is in degrees.
3. N is the total number of terminals.
4. Terminal #1 identifier and terminal numbering convention shall conform to JESD 95-1 SPP-012. Details of ter-
minal #1 identifier are optional, but must be located within the area indicated. The terminal #1 identifier may be
either a mold, embedded metal or mark feature.
5. Dimension b applies to metallized terminal and is measured between 0.15 and 0.30mm from terminal tip.
6. ND refers to the maximum number of terminals on D side.
7. Unilateral coplanarity zone applies to the exposed heat sink slug as well as the terminals.
Table 8. 32-lead TQFN Package Dimensions
Symbol
Min
Nom
Max
Note
Symbol
Min
Nom
Max
Note
A
0.70
0.75
0.80
1,2
b
0.18
0.25
0.30
1,2,5
A1
0.00
0.02
0.05
1,2
L
0.30
0.40
0.50
1,2,5
L1
0.03
0.15
1,2
N
32
1,2,5
K
0.20
1,2
ND
8
1,2,5
e0.5
NE
8
1,2,5
D2
3.30
3.45
3.55
1,2,5
aaa
0.10
1,2
E2
3.30
3.45
3.55
1,2,5
bbb
0.10
1,2
D BSC
5.00
1,2,5
ccc
0.10
1,2
E BSC
5.00
1,2,5
ddd
0.05
1,2
Datum A or B
EVEN TERM INAL SIDE
Terminal Tip
e
e/2
5
-C-
SIDE VIEW
PLANE
ccc C
0.08 C
NX
SEATING
D
D/2
INDEX AREA
aaa C
TOP VIEW
2x
4
(D/2 xE/2)
-B-
NXb
D2/2
D2
2
1
bbb
C A B
ddd
C
-B-
NN-1
BTM VIEW
6
5
(D/2 xE/2)
INDEX AREA
4
SEE
DETAIL B
SEE
DETAIL B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com