Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 5 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 5 Page - ams AG

  AS1545 Datasheet HTML 1Page - ams AG AS1545 Datasheet HTML 2Page - ams AG AS1545 Datasheet HTML 3Page - ams AG AS1545 Datasheet HTML 4Page - ams AG AS1545 Datasheet HTML 5Page - ams AG AS1545 Datasheet HTML 6Page - ams AG AS1545 Datasheet HTML 7Page - ams AG AS1545 Datasheet HTML 8Page - ams AG AS1545 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
5 - 34
AS1545
Data Sheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Electrical
Characteristics on page 6 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VDD to AGND
-0.3
+7
V
DVDD to DGND
-0.3
+7
V
VDRIVE to DGND
-0.3
DVDD
V
VDRIVE to AGND
-0.3
AVDD
V
AVDD to DVDD
-0.3
+0.3
V
AGND to DGND
-0.3
+0.3
V
Analog Input Voltage to AGND
-0.3
AVDD + 0.3
V
Digital Input Voltage to DGND
-0.3
+7
V
Digital Output Voltage to DGND
-0.3
VDRIVE + 0.3
V
REFA, REFB to AGND
-0.3
AVDD + 0.3
V
Input Current to All Pins Except
AVDD or DVDD
±10
mA
Electro-Static Discharge
2kV
Operating Temperature Range
-40
+85
ºC
Storage Temperature Range
-65
+150
ºC
Package Body Temperature
+260
ºC
The reflow peak soldering temperature
(body temperature) specified is in
accordance with IPC/JEDEC J-STD-020C
“Moisture/Reflow Sensitivity Classification
for Non-Hermetic Solid State Surface Mount
Devices”.
The lead finish for Pb-free leaded packages
is matte tin (100% Sn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com