Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 19 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 19 Page - ams AG

Back Button AS1545 Datasheet HTML 15Page - ams AG AS1545 Datasheet HTML 16Page - ams AG AS1545 Datasheet HTML 17Page - ams AG AS1545 Datasheet HTML 18Page - ams AG AS1545 Datasheet HTML 19Page - ams AG AS1545 Datasheet HTML 20Page - ams AG AS1545 Datasheet HTML 21Page - ams AG AS1545 Datasheet HTML 22Page - ams AG AS1545 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
19 - 34
AS1545
Data Sheet - D e t a i l e d D e s c r i p t i o n
Figure 34. Typical Application
Analog Input Composition
The equivalent circuit of analog input structure of the AS1545 in differential/pseudo differential modes is shown in the
Figure 35. In single-ended mode, AIN- is internally tied to AGND. The four diodes provide ESD protection for the
analog inputs. These diodes can conduct up to 10mA without causing irreversible damage to the part.
Note: Make sure that the analog input signals never exceed the supply rails by more than 300mV. This causes the
diodes to become forward-biased and starts conducting into the substrate.
The C1 capacitors in Figure 35 are of 4pF and can be attributed to pin capacitance. The value of these resistors is
typically about 100
Ω. The C2 capacitors are the ADC’s sampling capacitors with a capacitance of 20pF typically.
For ac applications, removing high frequency components from the analog input signal is recommended by the use of
an RC low-pass filter on the relevant analog input pins with optimum values of 10
Ω and 10nF. In applications where
harmonic distortion and signal-to-noise ratio are critical, the analog input should be driven from a low impedance
source. Large source impedances significantly affect the ac performance of the ADC and may necessitate the use of
an input buffer amplifier. The choice of the op amp is a function of the particular application.
Figure 35. Equivalent Analog Input Circuit
When no amplifier is used to drive the analog input, the source impedance should be limited to low values. The
maximum source impedance depends on the amount of THD that can be tolerated. The THD increases as the source
impedance increases and performance degrades.
Figure 23 on page 13 shows a graph of the THD vs. the analog input signal frequency for various supplies in single-
ended mode, while Figure 25 shows the THD vs. the analog input signal frequency for various supplies in differential
mode.
Figure 22 on page 13 shows a graph of the THD vs. the analog input frequency for different source impedances.
AIN 0
AIN 1
REFA
AVDD
DVDD
SCLK
CSN
RANGE
DOUTA
SGL/DIFF
DOUTB
REFB
REFSEL
100nF
1µF
10µF
100nF
1µF
10µF
µC
+
-
4.7µF
4.7µF
10nF
10nF
10
Ω
10
Ω
AS1545
BIN 0
BIN 1
+
-
10nF
10nF
10
Ω
10
Ω
A0 A1 A2
VDRIVE
1µF
100nF
VDD
D
D
C1
AIN+
C2
R1
VDD
D
D
C1
C2
R1
AIN-
Open for conversion,
closed for tracking.
Open for conversion,
closed for tracking.
4pF
4pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com