Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 17 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 17 Page - ams AG

Back Button AS1545 Datasheet HTML 13Page - ams AG AS1545 Datasheet HTML 14Page - ams AG AS1545 Datasheet HTML 15Page - ams AG AS1545 Datasheet HTML 16Page - ams AG AS1545 Datasheet HTML 17Page - ams AG AS1545 Datasheet HTML 18Page - ams AG AS1545 Datasheet HTML 19Page - ams AG AS1545 Datasheet HTML 20Page - ams AG AS1545 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
17 - 34
AS1545
Data Sheet - Te r m i n o l o g y
Total Harmonic Distortion (THD)
The Total Harmonic Distortion is the ratio between the RMS value of the fundamental (input signal) to the RMS value of
the first five harmonics.
THD(dBc) = 20*log
Where:
V1 is the RMS power of the input frequency (fundamental)
V2 to V6 are the RMS values of the first five harmonics
Spurious Free Dynamic Range (SFDR)
The Spurious Free Dynamic Range defines the ratio between the RMS value of the fundamental to the RMS value of
the largest peak off all spectral components below one-half of the sampling frequency, including harmonics but
excluding DC.
Channel to Channel Isolation
The Channel to Channel Isolation (Crosstalk) defines the coupling of energy from one channel into the other channel in
the ADC. It is measured by applying a 40kHz sine wave to all unselected channels and the attenuation to a 50kHz
input sine wave is determined.
Intermodulation Distortion (IMD)
The Intermodulation Distortion measures the creations of additional spectral components that are caused by
nonlinearities when applying a two tone sine wave on the input of the ADC. IMD is the ration of the RMS power in
either the second or the third intermodulation products to the sum of both input frequencies.
2
nd
order intermodulation products (IM2): f1+f2, f2-f1
3
rd
order intermodulation products (IM3): 2*f1-f2, 2*f2-f1, 2*f1+f2, 2*f2+f1
Full Power Bandwidth / Full Linear Bandwidth
The Full Power Bandwidth defines the frequency at which the reconstructed input signal amplitude drops 3dB from the
actual amplitude of the input signal, when applying a full scale signal.
The Full Linear Bandwidth defines the frequency at which the reconstructed input signal amplitude drops 0.1dB from
the actual amplitude of the input signal, when applying a full scale signal.
V2
2
V3
2
V4
2
V5
2
V6
2
++++
V1
------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com