Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 9 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 9 Page - ams AG

Back Button AS1545 Datasheet HTML 5Page - ams AG AS1545 Datasheet HTML 6Page - ams AG AS1545 Datasheet HTML 7Page - ams AG AS1545 Datasheet HTML 8Page - ams AG AS1545 Datasheet HTML 9Page - ams AG AS1545 Datasheet HTML 10Page - ams AG AS1545 Datasheet HTML 11Page - ams AG AS1545 Datasheet HTML 12Page - ams AG AS1545 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
9 - 34
AS1545
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Timing Characteristics
AVDD = DVDD = 2.7V to 5.25V, VDRIVE = 2.7V to AVDD/DVDD, internal/external reference = 2.5V, TA = -40 to +85°C
(unless otherwise specified).
Figure 3. Timing Diagram
Table 4. Timing Characteristics
1
1. Based on simulation and characterised samples.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Master Clock Frequency
fSCLK
120
MHz
Conversion Time
tCONVERT
tSCLK = 1/fSCLK
15 x
tSCLK
ns
fSCLK = 20 MHz
750
Quiet Time
tQUIET
Minimum time between end of serial
read and next falling edge of CSN
30
ns
CSN Fall to SCLK Fall Setup
Time
tCSS
VIL of CSN to VIL of SCLK
10
ns
CSN Fall to DOUT Enable
tCSDOE
VIL of CSN to Corner of DOUT
15
ns
SCLK Fall to DOUT Valid
2
2. VIL of SCLK to VOH of DOUT (rising edge) / VOL of DOUT (falling edge)
tDOV
VDD = 2.7V
40
ns
VDD = 5.25V
10
SCLK Fall to DOUT Hold
3
3. VIL of SCLK to VOL of DOUT (rising edge) / VOH of DOUT (falling edge)
tDOH
VDD = 2.7V
10
ns
VDD = 5.25V
5
SCLK Low Pulse Width
tCL
VIL to VIL of SCLK
0.4
tSCLK
0.6
tSCLK
SCLK High Pulse Width
tCH
VIH to VIH of SCLK
0.4
tSCLK
0.6
tSCLK
CSN Rise to DOUT Disable
tCSDOD
VIH of CSN to corner of DOUT to Tristate
20
ns
CSN Minimum Pulse Width
tCSPW
VIH to VIH of CSN
30
ns
SCLK Fall to DOUT Disable
tDOD
VIH of SCLK to corner of DOUT to
Tristate
550
ns
1
2
3
4
5
tCH
0
0
0DB11
DB10
DB9
DB2
DB1
DB0
THREE-STATE
3 LEADING ZEROES
THREE-
STATE
DOUTA
DOUTB
SCLK
CSN
tCSS
14
B
tCL
tCSDOD
tQUIET
tDOH
tDOV
tCSDOE
tCSPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com