Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 20 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 20 Page - ams AG

Back Button AS1545 Datasheet HTML 16Page - ams AG AS1545 Datasheet HTML 17Page - ams AG AS1545 Datasheet HTML 18Page - ams AG AS1545 Datasheet HTML 19Page - ams AG AS1545 Datasheet HTML 20Page - ams AG AS1545 Datasheet HTML 21Page - ams AG AS1545 Datasheet HTML 22Page - ams AG AS1545 Datasheet HTML 23Page - ams AG AS1545 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
20 - 34
AS1545
Data Sheet - D e t a i l e d D e s c r i p t i o n
Analog Input Modes
Table 5. Address Map
Address Map
SGL/
DIFF
A2
A1
A0
ADC A
ADC B
Comments
AIN+
AIN-
BIN+
BIN-
1
0
0
0
AIN0
GND
BIN0
GND
Single Ended
1
0
0
1
AIN1
GND
BIN1
GND
Single Ended
1
0
1
0
AIN2
GND
BIN2
GND
Single Ended
1
0
1
1
AIN3
GND
BIN3
GND
Single Ended
1
1
0
0
AIN4
GND
BIN4
GND
Single Ended
1
1
0
1
AIN5
GND
BIN5
GND
Single Ended
0
0
0
0
AIN0
AIN1
BIN0
BIN1
Fully Differential
0
0
0
1
AIN0
AIN1
BIN0
BIN1
Pseudo Differential
0
0
1
0
AIN2
AIN3
BIN2
BIN3
Fully Differential
0
0
1
1
AIN2
AIN3
BIN2
BIN3
Pseudo Differential
0
1
0
0
AIN4
AIN5
BIN4
BIN5
Fully Differential
0
1
0
1
AIN4
AIN5
BIN4
BIN5
Pseudo Differential
0
1
1
0
AIN0
AIN1
BIN0
BIN1
Pseudo Differential
Difference – A/B Phases –
Counter
Table 6. Input Range
SGL/DIFF
Range
Ain+ - Ain-
Range
Coding
Example
1
0
0 to VREF
Straight
AIN+ - AIN- = 1.766 V
Output Decimal = 2894
Output Binary = 1011 0100 1110
1
1
0 to 2VREF
Straight
AIN+ - AIN- = 1.766V
Output Decimal = 1447
Output Binary = 0101 1010 0111
0
0
0 to VREF
Straight
AIN+ - AIN- = 1.666 V
Output Decimal = 2703
Output Binary = 1010 1010 1010
0
1
0 to 2VREF
Straight
AIN+ - AIN- = 1.666 V
Output Decimal = 1365
Output Binary = 0101 0101 0101
00
-VREF/2 to +VREF/2
2’s comp
AIN+ - AIN- = 1.666 V
Output Decimal = 4095
Output Binary = 0111 1111 1111 (its 2’s comp)
01
-VREF to +VREF
2’s comp
AIN+ - AIN- = 1.666 V
Output Decimal= 3413
Output Binary= 0101 0101 0101 (its 2’s comp)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com