Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 26 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 26 Page - ams AG

Back Button AS1545 Datasheet HTML 22Page - ams AG AS1545 Datasheet HTML 23Page - ams AG AS1545 Datasheet HTML 24Page - ams AG AS1545 Datasheet HTML 25Page - ams AG AS1545 Datasheet HTML 26Page - ams AG AS1545 Datasheet HTML 27Page - ams AG AS1545 Datasheet HTML 28Page - ams AG AS1545 Datasheet HTML 29Page - ams AG AS1545 Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
26 - 34
AS1545
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
Figure 47. Exiting Partial Power-Down Mode
Figure 48. Entering Full Power-Down Mode
Figure 49. Exiting Full Power-Down Mode
Note: It is not necessary to complete the 15 SCLKs once CSN is brought high to enter a power-down mode.
The required power-up time must elapse before a conversion can be initiated, as shown in Figure 49.
Partial Power-Down Mode
This mode is intended for use in applications where slower throughput rates are required. Either the ADC is powered
down between each conversion, or a series of conversions may be performed at a high throughput rate, and the ADC
is then powered down for a relatively long duration between these bursts of several conversions. When the AS1545 is
in partial power-down, all analog circuitry is powered down except for the on-chip reference and reference buffer.
1
15
DOUTA
DOUTB
SCLK
CSN
10
INVALID DATA
VALID DATA
1
15
The part begins to power-up
The part is fully powered-up
tpower-up1
1
15
DOUTA
DOUTB
SCLK
CSN
10
INVALID DATA
The part enters partial power down
The part enters fully powered down
1
15
10
The part begins to power-up
INVALID DATA
Three-State
Three-State
2
2
1
15
DOUTA
DOUTB
SCLK
CSN
10
INVALID DATA
VALID DATA
1
15
The part begins to power-up
The part is fully powered-up
tpower-up1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com