Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 4 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 4 Page - ams AG

  AS1545 Datasheet HTML 1Page - ams AG AS1545 Datasheet HTML 2Page - ams AG AS1545 Datasheet HTML 3Page - ams AG AS1545 Datasheet HTML 4Page - ams AG AS1545 Datasheet HTML 5Page - ams AG AS1545 Datasheet HTML 6Page - ams AG AS1545 Datasheet HTML 7Page - ams AG AS1545 Datasheet HTML 8Page - ams AG AS1545 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
4 - 34
AS1545
Data Sheet - P i n o u t
13 to 18
BIN0 to BIN5
Analog Inputs of ADC B. These may be programmed as six single-ended
channels, three pseudo-differential or three true-differential analog input
channel pairs. (see Table 5 on page 20).
21
RANGE
Analog Input Range Selection. Logic input. The polarity on this pin
determines the input range of the analog input channels. If this pin is tied to
a logic low, the analog input range is 0V to VREF. If this pin is tied to a logic
high when CSN goes low, the analog input range is 2 × VREF.
22
SGL/DIFF
Logic Input. This pin selects whether the analog inputs are configured as
differential pairs or single ended. A logic low selects differential operation
while a logic high selects single-ended operation.
23 to 25
A2 to A0
Multiplexer Select. Logic inputs. These inputs are used to select the pair of
channels to be simultaneously converted, such as Channel 1 of both ADC A
and ADC B, Channel 2 of both ADC A and ADC B, and so on.
26
CSN
Chip Select. Active low logic input. This input provides the dual function of
initiating conversions on the AS1545 and framing the serial data transfer.
27
SCLK
Serial Clock Input. A serial clock input provides the SCLK for accessing the
data from the AS1545. This clock is also used as the clock source for the
conversion process.
28, 30
DOUTB, DOUTA
Serial Data Outputs. The data output is supplied to each pin as a serial
data stream. The bits are clocked out on the falling edge of the SCLK input
and 15 SCLKs are required to access the data. The data simultaneously
appears on both pins from the simultaneous conversions of both ADCs. The
data stream consists of three leading zeros followed by the 12 bits of
conversion data. The data is provided MSB first. If CSN is held low for 16
SCLK cycles rather than 15, then single trailing zero appears after the 12bits
of data. If CSN is held low for a further 16 SCLK cycles on either DOUTA or
DOUTB, futher data is clocked out according to the timing diagram.
31
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at
what voltage the interface operates. This pin should be decoupled to DGND.
The voltage at this pin may be different than that at AVDD and DVDD but
should never exceed either by more than 0.3V.
32
DVDD
Digital Supply Voltage. 2.7V to 5.25V. This is the supply voltage for all
digital circuitry on the AS1545. The DVDD and AVDD voltages should ideally
be at the same potential and must not be more than 0.3V apart even on a
transient basis. This supply should be decoupled to DGND.
33
Exp. Pad
Exposed Pad. This pin can be not connected or connected AGND. The
exposed pad must not be connected to VDD.
Table 1. Pin Description
Pin Number
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com