Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 3 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 3 Page - ams AG

  AS1545 Datasheet HTML 1Page - ams AG AS1545 Datasheet HTML 2Page - ams AG AS1545 Datasheet HTML 3Page - ams AG AS1545 Datasheet HTML 4Page - ams AG AS1545 Datasheet HTML 5Page - ams AG AS1545 Datasheet HTML 6Page - ams AG AS1545 Datasheet HTML 7Page - ams AG AS1545 Datasheet HTML 8Page - ams AG AS1545 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
3 - 34
AS1545
Data Sheet - P i n o u t
4 Pinout
Pin Assignment
Figure 2. Pin Assignments (Top View)
Pin Description
Table 1. Pin Description
Pin Number
Pin Name
Description
1, 29
DGND
Digital Ground. Ground reference point for the digital portion of the
AS1545.
2
REF_SELECT
Reference select pin. Internal/External Reference Selection. Logic input. If
this pin is tied to DGND, the on-chip 2.5V reference is used as the reference
source for both ADC A and ADC B. In addition, Pin REFA and Pin REFB
must be tied to decoupling capacitors. If the REF SELECT pin is tied to a
logic high, an external reference can be supplied to the AS1545 through the
REFA or REFB pins.
3AVDD
Analog Supply Voltage. 2.7V to 5.25V.
4, 20
REFA, REFB
Reference Input/Output. These pins are connected to the internal
reference through a series resistor and is the reference source for the
AS1545. The nominal reference voltage is 2.5V and appears at the pin. This
pin can be over-driven by an external reference or can be taken as high as
AVDD. Decoupling capacitors (4.7 uF recommended) are connected to
these pins to decouple the reference buffer for each respective ADC.
5AGND
Analog Ground. Decouple point for AVDD. Ground reference for track/hold,
reference, and DAC circuits.
6, 19
AGND
Analog Ground. Decouple point for VREF capacitors and analog input
filters. Pin 6 is the decoupling point for REFA, pin 19 for REFB. Ground
reference for track/hold, reference, and DAC circuits.
7 to 12
AIN0 to AIN5
Analog Inputs of ADC A. These may be programmed as six single-ended
channels, three pseudo-differential or three true-differential analog input
channel pairs.
AS1545
2
A2
1
3
4
5
6
7
8
9
10
11
12
13
14
15 16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
AIN 0
AIN 1
BIN 1
BIN 0
AGND
REFB
RANGE
SGL/DIFF
A1
AGND
AGND
REFA
AVDD
REF_SELECT
DGND
33 Exp. Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com