Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 21 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 21 Page - ams AG

Back Button AS1545 Datasheet HTML 17Page - ams AG AS1545 Datasheet HTML 18Page - ams AG AS1545 Datasheet HTML 19Page - ams AG AS1545 Datasheet HTML 20Page - ams AG AS1545 Datasheet HTML 21Page - ams AG AS1545 Datasheet HTML 22Page - ams AG AS1545 Datasheet HTML 23Page - ams AG AS1545 Datasheet HTML 24Page - ams AG AS1545 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
21 - 34
AS1545
Data Sheet - D e t a i l e d D e s c r i p t i o n
Single-Ended Mode
The AS1545 consists of 12 single-ended analog input channels with range that can be programmed to be either 0 to
VREF or 0 to 2 × VREF.
Note: In applications where the signal source has high impedance, it is recommended to buffer the analog input
before applying it to the ADC.
If the sampling analog input is bipolar, the internal reference of the ADC can be used to externally bias up this signal to
make it correctly formatted for the ADC. Figure 36 shows the connecting diagram when operating the ADC in single-
ended mode.
Figure 36. Single-Ended Mode Connection Diagram
Figure 37. Definition of Single-Ended Input
Fully Differential Mode
The AS1545 consists of six differential analog input pairs. Figure 38 defines the fully differential analog input of the
AS1545. The amplitude of the differential signal is the difference between the signals applied to the AIN+ and AIN- pins
in each differential pair (AIN+ - AIN-). These pins should be simultaneously driven by two signals each of amplitude
VREF/2 (or VREF, depending on the range required) that are 180º out of phase. If RANGE = 1 is selected the amplitude
of the differential signal is ±VREF regardless of the common mode (CM).
The common mode is the average of the two signals and is therefore the voltage on which the two inputs are centered.
(VIN+ + VIN-)/2
(EQ 1)
Althought fully differential operation with phase between inputs of 180° is recommanded, non true differential signals
can also be applied.
Note: It is important to note that the absolute voltage of the analog inputs goes from AGND to VDD.
+
-
+
-
VIN
R
3R
R
R
REFA/
REFB
AIN0 to BIN5
-1.25V
0V
+1.25V
0V
+2.5V
10nF
4.7µF
10
Ω
0 < AIN < VDD
RANGE = 0
0 < AIN < VDD
RANGE = 1
VIN
VIN
tt
VREF
2VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com