Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1545 Datasheet(PDF) 10 Page - ams AG

Part # AS1545
Description  Dual, 12-Bit, 1MSPS, SAR ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1545 Datasheet(HTML) 10 Page - ams AG

Back Button AS1545 Datasheet HTML 6Page - ams AG AS1545 Datasheet HTML 7Page - ams AG AS1545 Datasheet HTML 8Page - ams AG AS1545 Datasheet HTML 9Page - ams AG AS1545 Datasheet HTML 10Page - ams AG AS1545 Datasheet HTML 11Page - ams AG AS1545 Datasheet HTML 12Page - ams AG AS1545 Datasheet HTML 13Page - ams AG AS1545 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
www.austriamicrosystems.com
Revision 1.00
10 - 34
AS1545
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VDD = 5.25V, VREF = 2.5V, fSCLK = 20MHz (50% duty), fSAMPLE = 1MSPS, CREF = 4.7µF, RANGE = 0, SGL/DIFF = 1,
TAMB = +25ºC (unless otherwise specified).
Figure 4. Integral Nonlinearity vs. Digital Output Code;
Figure 5. Diff. Nonlinearity vs. Digital Output Code;
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
1024
2048
3072
4096
Digital Output Code
External Reference
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
1024
2048
3072
4096
Digital Output Code
External Reference
Figure 6. Integral Nonlinearity vs. Digital Output Code;
Figure 7. Diff. Nonlinearity vs. Digital Output Code;
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
1024
2048
3072
4096
Digital Output Code
Internal Reference
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
1024
2048
3072
4096
Digital Output Code
Internal Reference
Figure 8. FFT @ 50kHz, External Reference;
Figure 9. FFT @ 50kHz, Internal Reference;
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
0
100
200
300
400
500
Input Signal Frequency (kHz)
fSAMPLE = 1Msps
NFFT = 65536
SNR=72.8dB
THD = -84.6dB
SFDR = 88.2dB
SINAD = 72.5dB
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
0
100
200
300
400
500
Input Signal Frequency (kHz)
fSAMPLE = 1Msps
NFFT = 65536
SNR=72.2dB
THD = -84.7dB
SFDR = 87.9dB
SINAD = 71.9dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com