Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7298 Datasheet (PDF) - Analog Devices

AD7298 Datasheet PDF - Analog Devices
Part # AD7298
Download  AD7298 Download
File Size   452.21 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Temperature Sensor

AD7298 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7298 Datasheet PDF - Analog Devices

Part # AD7298
Download  AD7298 Click to download

File Size   452.21 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Temperature Sensor

AD7298 Datasheet (HTML) - Analog Devices


AD7298 Product details

FEATURES
12-bit SAR ADC
8 single-ended inputs
Channel sequencer functionality
Fast throughput of 1 MSPS
Analog input range: 0 V to 2.5 V
12-bit temperature-to-digital converter
Temperature sensor accuracy of ±1°C
Temperature range: −40°C to +125°C
Specified for V
DD: 2.8 V to 3.6 V
Logic voltage VDRIVE : 1.65 V to 3.6 V
Power-down current: <10 μA
Internal 2.5 V reference
Internal power-on reset
High speed serial interface SPI
20-lead LFCSP




Similar Part No. - AD7298

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7298 AD-AD7298 Datasheet
1Mb / 18P
8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
AD7298 AD-AD7298 Datasheet
494Kb / 28P
8-Channel, I2C, 12-Bit SAR ADC with Temperature Sensor
REV. 0
AD7298-1 AD-AD7298-1 Datasheet
739Kb / 24P
8-Channel, 1 MSPS, 10-Bit SAR ADC
REV. A
AD7298-1 AD-AD7298-1 Datasheet
764Kb / 25P
8-Channel, 1 MSPS, 10-Bit SAR ADC
23-Feb-2017
AD7298-1BCPZ AD-AD7298-1BCPZ Datasheet
739Kb / 24P
8-Channel, 1 MSPS, 10-Bit SAR ADC
REV. A
More results


Similar Description - AD7298

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
TEMPERATURE SENSOR
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
Temperature sensor
JUNE 2007
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3000GB0A0 IDT-TS3000GB0A0 Datasheet
706Kb / 25P
Temperature Sensor
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
Temperature Sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
Temperature Sensor
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
Temperature Sensor
07-Sep-2017
logo
TRACO Electronic AG
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
Temperature Sensor
Rev. June 30, 2021
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
Temperature Sensor
Rev. June 30, 2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com