Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8568 Datasheet (PDF) - Texas Instruments

ADS8568 Datasheet PDF - Texas Instruments
Part # ADS8568
Download  ADS8568 Download
File Size   2057.02 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS85x8 12-, 14-, and 16-Bit, 8-Channel, Simultaneous Sampling ADCs

ADS8568 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8568 Datasheet PDF - Texas Instruments

Part # ADS8568
Download  ADS8568 Click to download

File Size   2057.02 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS85x8 12-, 14-, and 16-Bit, 8-Channel, Simultaneous Sampling ADCs

ADS8568 Datasheet (HTML) - Texas Instruments


ADS8568 Product details

1 Features
1• Family of 12-, 14-, and 16-Bit, Pin- and Software-
Compatible ADCs
• Maximum Data Rate per Channel:
– ADS8528: 650 kSPS (PAR) or
480 kSPS (SER)
– ADS8548: 600 kSPS (PAR) or
450 kSPS (SER)
– ADS8568: 510 kSPS (PAR) or
400 kSPS (SER)
• Excellent AC Performance:
– Signal-to-Noise Ratio:
ADS8528: 73.9 dB, ADS8548: 85 dB,
ADS8568: 91.5 dB
– Total Harmonic Distortion:
ADS8528: –89 dB, ADS8548: –91 dB,
ADS8568: –94 dB
• Programmable, Buffered Internal Reference:
0.5 V–2.5 V or 0.5 V–3.0 V Supports Input
Voltage Ranges up to ±12 V
• Selectable Parallel or Serial Interface
• Scalable Low-Power Operation Using Auto-Sleep
Mode: Only 32 mW at 10 kSPS
• Fully Specified Over Extended Industrial
Temperature Range

2 Applications
• Protection Relays
• Power Quality Measurement
• Multi-Axis Motor Controls
• Programmable Logic Controllers
• Industrial Data Acquisition

3 Description
The ADS85x8 contain eight low-power, 12-, 14-, or
16-bit, successive approximation register (SAR)-
based analog-to-digital converters (ADCs) with true
bipolar inputs. These channels are grouped in four
pairs, thus allowing simultaneous high-speed signal
acquisition of up to 650 kSPS.
The devices support selectable parallel or serial
interface with daisy-chain capability. The
programmable reference allows handling of analog
input signals with amplitudes up to ±12 V.
The ADS85x8 family supports an auto-sleep mode for
minimum power dissipation and is available in both
64-pin VQFN and LQFP packages. The entire family
is specified over a temperature range of –40°C to
+125°C.




Similar Part No. - ADS8568

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8568 TI1-ADS8568 Datasheet
1Mb / 51P
12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8568 TI1-ADS8568 Datasheet
1Mb / 52P
12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
ADS8568SPM TI1-ADS8568SPM Datasheet
1Mb / 51P
12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8568SPM TI1-ADS8568SPM Datasheet
1Mb / 57P
16-Bit, 8-Channel, Simultaneous Sampling ADCs
More results


Similar Description - ADS8568

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
logo
Linear Technology
LTC1407A LINER-LTC1407A_15 Datasheet
403Kb / 24P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
16-Bit, 8-Channel, Simultaneous Sampling ADCs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com