Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11044 Datasheet (PDF) - Maxim Integrated Products

MAX11044 Datasheet PDF - Maxim Integrated Products
Part # MAX11044
Download  MAX11044 Download
File Size   1663.66 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs

MAX11044 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11044 Datasheet PDF - Maxim Integrated Products

Part # MAX11044
Download  MAX11044 Click to download

File Size   1663.66 Kbytes
Page   19 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs

MAX11044 Datasheet (HTML) - Maxim Integrated Products


MAX11044 Product details

General Description
The MAX11044/MAX11044B/MAX11045/MAX11045B/MAX11046/MAX11046B 16-bit and MAX11054/MAX11055/MAX11056 14-bit ADCs offer 4, 6, or 8 independent input channels. Featuring independent track and hold (T/H) and SAR circuitry, these parts provide simultaneous sampling at 250ksps for each channel.

Features
♦ 16-Bit ADC (MAX11044/MAX11044B/MAX11045/MAX11045B/MAX11046/MAX11046B) and 14-Bit ADC (MAX11054/MAX11055/MAX11056) 8-Channel ADC (MAX11046/MAX11046B/MAX11056) 6-Channel ADC (MAX11045/MAX11045B/MAX11055) 4-Channel ADC (MAX11044/MAX11044B/MAX11054)
♦ Single Analog and Digital Supply
♦ High-Impedance Inputs Up to 1GΩ
♦ On-Chip T/H Circuit for Each Channel
♦ Fast 3µs Conversion Time
♦ High Throughput: 250ksps for Each Channel
♦ 16-Bit/14-Bit, High-Speed, Parallel Interface
♦ Internal Clocked Conversions
♦ 10ns Aperture Delay
♦ 100ps Channel-to-Channel T/H Matching
♦ Low Drift, Accurate 4.096V Internal Reference Providing an Input Range of ±5V
♦ External Reference Range of 3.0V to 4.25V, Allowing Full-Scale Input Ranges of ±4.0V to ±5.2V
♦ 56-Pin (8mm x 8mm) TQFN and 64-Pin (10mm x 10mm) TQFP Packages
♦ Evaluation Kit Available

Applications
    Automatic Test Equipment
    Power-Factor Monitoring and Correction
    Power-Grid Protection
    Multiphase Motor Control
    Vibration and Waveform Analysis




Similar Part No. - MAX11044

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044 Datasheet
2Mb / 20P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044ECB+ MAXIM-MAX11044ECB+ Datasheet
2Mb / 20P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11044ECB+ MAXIM-MAX11044ECB+ Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044ECB+ MAXIM-MAX11044ECB+ Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
More results


Similar Description - MAX11044

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11047 MAXIM-MAX11047_11 Datasheet
1Mb / 25P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 2; 1/11
MAX11040K MAXIM-MAX11040K Datasheet
505Kb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
MAX11040K_1111 MAXIM-MAX11040K_1111 Datasheet
650Kb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 2; 11/11
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com