Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8634SRGET Datasheet (PDF) - Texas Instruments

ADS8634SRGET Datasheet PDF - Texas Instruments
Part # ADS8634SRGET
Download  ADS8634SRGET Download
File Size   2921.66 Kbytes
Page   77 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter with Software-Selectable Ranges

ADS8634SRGET Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS8634SRGET Datasheet PDF - Texas Instruments

Part # ADS8634SRGET
Download  ADS8634SRGET Click to download

File Size   2921.66 Kbytes
Page   77 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter with Software-Selectable Ranges

ADS8634SRGET Datasheet (HTML) - Texas Instruments


ADS8634SRGET Product details

1FEATURES
23• Selectable Input Range:
±10V, ±5V, ±2.5V, 0V to 10V, or
0V to 5V
Up to ±12V with External Reference
• No Latent Conversions Up to 1MSPS
• Outstanding Performance:
12 Bits No Missing Codes
INL: ±0.9LSB
SNR: 71.8dB
• Highly Integrated:
4- or 8-Channel Input Mux
Temperature Sensor
Internal Voltage Reference
Alarm Thresholds for Each Channel
• Low Power:
14.45mW at 1MSPS
5.85mW at 0.1MSPS
Flexible Power-Down Mode
• SPI™-Compatible Serial Interface
• Extended Temperature Range:
–40°C to +125°C
• Small Footprint: 4mm × 4mm QFN Package

APPLICATIONS
• Industrial Process Controls (PLC)
• Data Acquisition Systems
• High-Speed, Closed-Loop Systems
• Digital Power Supplies

DESCRIPTION
The ADS8634 and ADS8638 (ADS8634/8) are 12-bit
analog-to-digital converters (ADCs) capable of
measuring inputs up to ±10V at 1MSPS. Using a
successive approximation register (SAR) core, these ADCs provide a sample-and-hold front-end with no
latency in conversions. The ADS8634 includes an
input multiplexer (mux) for measuring up to four
inputs. The ADS8638 can measure up to eight inputs.
In addition to the input multiplexer, the ADS8634/8
feature an internal temperature sensor, voltage
reference, and a digital comparator for setting alarm
thresholds on each input; therefore, a minimal
amount of external components are required. A
simple SPI-compatible interface provides for
communication and control. The digital supply
operates from 5V all the way down to 1.8V for direct
connection to a wide range of processors and
controllers.
Ideal for demanding industrial measurement
applications, the ADS8634/8 are fully specified over
the extended industrial temperature range of –40°C
to +125°C and are available in a small form-factor
QFN-24 package.




Similar Part No. - ADS8634SRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8634SRGET TI1-ADS8634SRGET Datasheet
1Mb / 75P
12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
ADS8634SRGET TI1-ADS8634SRGET Datasheet
1Mb / 76P
12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter with Software-Selectable Ranges
More results


Similar Description - ADS8634SRGET

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7324 AD-AD7324 Datasheet
591Kb / 36P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. 0
AD7328 AD-AD7328 Datasheet
880Kb / 36P
8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
REV. A
logo
Texas Instruments
ADS8634 TI1-ADS8634 Datasheet
1Mb / 75P
12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter
ADS8638 TI1-ADS8638_14 Datasheet
1Mb / 76P
12-Bit, 1MSPS, 4-/8-Channel, Bipolar-Input, SAR Analog-to-Digital Converter with Software-Selectable Ranges
logo
Analog Devices
AD7324 AD-AD7324_15 Datasheet
920Kb / 37P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7328 AD-AD7328_15 Datasheet
953Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. C
AD7323 AD-AD7323_17 Datasheet
686Kb / 37P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7324 AD-AD7324_17 Datasheet
734Kb / 37P
4-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7327 AD-AD7327_17 Datasheet
764Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
AD7328 AD-AD7328_17 Datasheet
761Kb / 37P
8-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com