Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE031 Datasheet (PDF) - Texas Instruments

AFE031 Datasheet PDF - Texas Instruments
Part # AFE031
Download  AFE031 Download
File Size   1693.32 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE031 Powerline Communications Analog Front-End

AFE031 Datasheet (PDF)

Go To PDF Page Download Datasheet
AFE031 Datasheet PDF - Texas Instruments

Part # AFE031
Download  AFE031 Click to download

File Size   1693.32 Kbytes
Page   59 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AFE031 Powerline Communications Analog Front-End

AFE031 Datasheet (HTML) - Texas Instruments


AFE031 Product details

1 Features
1• Integrated powerline driver with thermal and
overcurrent protection
• Conforms to EN50065-1
• PRIME certified
• Large output swing: 12 VPP at 1.5 A
(15-V supply)
• Low power consumption:
15 mW (receive mode)
• Programmable Tx and Rx filters
• Supports EN50065 CENELEC bands A, B, C, D
• Supports FSK, S-FSK, and OFDM
• Supports PRIME, G3, IEC 61334
• Receive sensitivity: 20 μVRMS, typical
• Programmable Tx and Rx gain control
• Four-wire serial peripheral interface
• Two integrated zero crossing detectors
• Two-wire transceiver buffer
• 48-Pin QFN PowerPAD™ package
• Extended junction temperature range:
–40°C to +125°C

2 Applications
• eMetering
• Lighting
• Solar
• Pilot wire

3 Description
The AFE031 is a low-cost, integrated, powerline
communications (PLC) analog front-end (AFE) device
that is capable of capacitive- or transformer-coupled
connections to the powerline while under the control
of a DSP or microcontroller. It is ideal for driving lowimpedance
lines that require up to 1.5 A into reactive
loads. The integrated receiver is able to detect
signals down to 20 μVRMS and is capable of a wide
range of gain options to adapt to varying input signal
conditions. This monolithic integrated circuit provides
high reliability in demanding powerline
communications applications.
The AFE031 transmit power amplifier operates from a
single supply in the range of 7 V to 24 V. At
maximum output current, a wide output swing
provides a 12-VPP (IOUT = 1.5 A) capability with a
nominal 15-V supply. The analog and digital signal
processing circuitry operates from a single 3.3-V
power supply.




Similar Part No. - AFE031

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE031 TI1-AFE031 Datasheet
1Mb / 56P
Powerline Communications Analog Front-End
SEPTEMBER2011
AFE031 TI1-AFE031 Datasheet
970Kb / 57P
Powerline Communications Analog Front-End
AFE031AIRGZR TI1-AFE031AIRGZR Datasheet
1Mb / 56P
Powerline Communications Analog Front-End
SEPTEMBER2011
AFE031AIRGZR TI1-AFE031AIRGZR Datasheet
970Kb / 57P
Powerline Communications Analog Front-End
AFE031AIRGZT TI1-AFE031AIRGZT Datasheet
1Mb / 56P
Powerline Communications Analog Front-End
SEPTEMBER2011
More results


Similar Description - AFE031

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Maxim Integrated Produc...
MAX2981 MAXIM-MAX2981 Datasheet
178Kb / 12P
Integrated Powerline Communication Analog Front-End Transceiver and Line Driver
Rev 0; 7/09
MAX2991 MAXIM-MAX2991 Datasheet
1Mb / 22P
Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
Rev 0; 1/10
logo
Texas Instruments
AFE031 TI1-AFE031 Datasheet
1Mb / 56P
Powerline Communications Analog Front-End
SEPTEMBER2011
AFE030 TI1-AFE030 Datasheet
992Kb / 58P
Powerline Communications Analog Front-End
AFE031 TI1-AFE031_13 Datasheet
970Kb / 57P
Powerline Communications Analog Front-End
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
Power-Line Communications Analog Front-End
AFE032 TI1-AFE032 Datasheet
1Mb / 77P
Power-Line Communications Analog Front-End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
logo
Maxim Integrated Produc...
MAX2991 MAXIM-MAX2991_V01 Datasheet
1Mb / 22P
Power-Line Communications (PLC) Integrated Analog Front-End Transceiver
19-5125; Rev 0; 1/10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com