Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2752 Datasheet (PDF) - Texas Instruments

AM2752 Datasheet PDF - Texas Instruments
Part # AM2752
Download  AM2752 Download
File Size   3450.7 Kbytes
Page   168 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AM275x Signal Processing Microcontrollers

AM2752 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM2752 Datasheet PDF - Texas Instruments

Part # AM2752
Download  AM2752 Click to download

File Size   3450.7 Kbytes
Page   168 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AM275x Signal Processing Microcontrollers

AM2752 Datasheet (HTML) - Texas Instruments


AM2752 Product details

1 Features
Processor Cores:
• Dual or Quad-core Arm® Cortex® R5F CPU with
each core running up to 1GHz
– 32KB I-Cache with 64-bit ECC per CPU core
• 4x8KB association
• Single Error Correction, Double Error
Detection ECC protected per 64 bits
– 32KB D-cache with 64-bit ECC per CPU core
• 4x8KB association
• Single Error Correction, Double Error
Detection ECC protected per 64 bits
– 64KB Tightly Coupled Memory (TCM) per core,
with 32-bit ECC
• Single Error Correction, Double Error
Detection ECC protected per 64 bits
• Two Banks, A and B, 32KB each
– Bank B split into B0 and B1, 16KB each
• 128KB TCM for CPU0 in lockstep mode
– Up to 128KB Remote L2 Cache
• 32B cache line
• Up to 128KB L2 cache covering up to 16MB
cacheable space
• Read only, 8-way cache
• Fast Local Copy (FLC) support
– For each cluster, lockstep or independent dual
core operation supported
• Single or Dual C7x DSP core with each core
running up to 1GHz
– L1 memory architecture
• 32KB I-Cache per core
• 64KB D-Cache per core
– L2 memory architecture
• 2.25MB with ECC protection on L2 SRAM
– 2MB "Main" segment
– 256KB "Auxiliary" segment
– Matrix Multiply Accelerator Version 2f (MMA2F)
on DSP0
• 2x Asynchronous Audio Sample Rate Converter
(ASRC)
– 140dB Signal-to-Noise ratio (SNR)
– Up to 8 pairs of input and output streams (up to
16 channels total) per ASRC
– Input and output sample rates from 8KHz to
216KHz
– 16-, 18-, 20-, 24-bit data input/output
Memory Subsystem:
• Up to 6MB of On-Chip Shared SRAM
• Remote Low latency L2 cache (RL2), software
programmable, allocated from SRAM
• 432KB of On-Chip SRAM in SMS Subsystem
– 256KB of On-Chip RAM with SECDED ECC in
SMS Subsystem
– 176KB of On-Chip RAM with SECDED ECC in
SMS Subsystem for TI security firmware
Flash and Memory Interfaces:
• 2 × Flash Sub Systems (FSS) that support Octal
Serial Peripheral Interface (OSPI) at up to 166MHz
SDR and 166MHz DDR at 1.8V and 3.3V with full
XIP (eXecute In Place) which can be used for
– 1x FSS supporting OSPI OptiFlash memory
technology, Firmware Over-The-Air upgrades
(FOTA), and On The Fly Advanced Encryption
Standard (OTFA)
– 1x FSS supporting OSPI or HyperRAM
– RAM expansion
• 1 × 8-bit Multi-Media Card/Secure Digital
(eMMC/SD) interface
General Connectivity:
• 5 × Multichannel Audio Serial Ports (McASP)
– Transmit and Receive Clocks up to 50MHz
– Up to 26 Serial Data Pins across 5x McASP
with Independent TX and RX Clocks
– Supports Time Division Multiplexing (TDM),
Inter-IC Sound (I2S) and Similar Formats
– Supports Digital Audio Interface Transmission
(SPDIF, IEC60958-1, and AES-3 Formats)
– FIFO Buffers for Transmit and Receive (256
Bytes)
– Support for audio reference output clock
• 8 × Universal Asynchronous RX-TX (UART)
modules
• 5 × Serial Peripheral Interface (SPI) controllers
• 8 × Inter-Integrated Circuit (I2C) ports
• 5 × Modular Controller Area Network (MCAN)
modules with CAN-FD support
• 3 × Enhanced Pulse Width Modulation (ePWM)
modules
• 6 × Enhanced Capture (ECAP) modules
• 1 × 12-bit Analog to Digital Converters (ADC) with
4MSPS maximum sampling rate
• Up to 167 General Purpose I/O (GPIO)
High Speed Interfaces
• Integrated Ethernet Switch supporting (total 2
external ports)
– RMII (10/100) or RGMII (10/100/1000)
– IEEE 1588 (Annex D, Annex E, Annex F with
802.1AS PTP)
– Supports 802.1Qav (eAVB)
– Clause 45 MDIO PHY management
– Packet Classifier based on ALE engine with
512 classifiers
– Priority flow control
– Four CPU hardware interrupt pacing
– IP/ UDP/ TCP checksum offload in hardware
• USB 2.0
– Port configurable as USB host, USB device, or
USB Dual-Role device
– Integrated USB VBUS detection
Security:
• Hardware Security Module (HSM)
– Dedicated dual-core ARM Cortex-M4F Security
co-processor with dedicated interconnect for
security
– Dedicated security DMA and IPC subsystem for
isolated processing
• Secure boot support
– Hardware-enforced Root-of-Trust (RoT)
– Support to switch RoT via backup key
– Support for takeover protection, IP protection,
and anti-roll back protection
• Cryptographic acceleration supported
– Session-aware cryptographic engine with ability
to auto-switch key-material based on incoming
data stream
– Supports cryptographic cores
• AES - 128/192/256-bit key sizes
• SHA2 - 224/256/384/512-bit support
• DRBG with true random number generator
• PKA (Public Key Accelerator) to Assist
in RSA/ECC processing: RSA-4096 bits,
ECDSA, SM2DSA, Curve25519/448
• Supports Chinese crypto algorithms: SM3
and SM4
– DMA support
• Debugging security
– Secure software controlled debug access
– Security aware debugging
• Trusted Execution Environment (TEE) supported
– Arm TrustZone® based TEE
– Extensive firewall support for isolation
– Secure watchdog/timer/IPC
• Secure storage support
• On-the-Fly encryption and support for OSPI
interface in XIP mode
Functional Safety:
• Functional Safety-Compliant targeted [Automotive]
– Developed for functional safety applications
– Documentation to be made available to aid ISO
26262 functional safety system design
– Systematic capability up to ASIL-D targeted
– Hardware integrity up to ASIL-B targeted
– Safety-related certification
• ISO 26262 planned
Power Management:
• Power modes supported by Device Manager:
– Active
– Standby
– IO Retention
Boot Options:
• UART
• I2C EEPROM
• OSPI NOR/NAND Flash
• SD Card
• eMMC
• USB (host) Mass Storage
• USB (device) boot from external host (DFU mode)
• Ethernet
Technology / Package:
• AEC-Q100 qualified for automotive applications
• 16-nm FinFET technology
• 15.8mm x 15.8mm, 0.8mm pitch 361-pin FCCSP

2 Applications
• Automotive:
– Premium Audio
– Audio Amplifiers
– Audio Gateway
– AVAS - Acoustic Vehicle Alert System
– Active/Road Noise Cancellation
– Digital Cockpit

3 Description
The AM275x family of highly-integrated, high-performance microcontrollers is based on the Arm® Cortex R5F
and C7x floating point DSP cores. The microcontrollers enable original equipment manufacturers (OEM) and
original design manufacturers (ODM) to quickly bring to market devices with robust software support and rich
user interfaces. The device offers the maximum flexibility of a fully integrated, mixed processor design
Key features and benefits:
• Extensive audio interfacing with 5x McASP peripherals
• Peripherals supporting system level connectivity such as 2-port Gigabit Ethernet, USB, OSPI/QSPI, CAN-FD,
UARTs, SPI and GPIOs.
• Supports the latest cybersecurity requirements with the built-in Hardware Security Module (HSM).
• One or two dual-core R5F clusters with 128KB TCM per cluster (64KB per core) and up to two C7x DSP
cores with 2.25MB of L2 SRAM per C7x DSP, greatly reducing the need for external memory.




Similar Part No. - AM2752

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM2752 TI-AM2752 Datasheet
3Mb / 165P
AM275x Signal Processing Microcontrollers
DECEMBER 2024
AM2752-Q1 TI-AM2752-Q1 Datasheet
3Mb / 165P
AM275x Signal Processing Microcontrollers
DECEMBER 2024
More results


Similar Description - AM2752

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN5767K PANASONIC-AN5767K Datasheet
60Kb / 6P
Synchronizing signal processing IC
logo
Samsung semiconductor
KA2135 SAMSUNG-KA2135 Datasheet
116Kb / 4P
HORIZONTAL SIGNAL PROCESSING
logo
Sony Corporation
CX20102 SONY-CX20102 Datasheet
134Kb / 9P
PCM-RF SIGNAL PROCESSING
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068 Datasheet
268Kb / 2P
PSD signal processing circuit
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
TELEVISION SIGNAL PROCESSING CIRCUIT
logo
Texas Instruments
TMS320C4X TI-TMS320C4X Datasheet
1Mb / 726P
Digital Signal Processing Solutions
logo
Sipex Corporation
SP-2625 SIPEX-SP-2625 Datasheet
168Kb / 6P
SIGNAL PROCESSING EXCELLENCE
logo
Rohm
BA7266S ROHM-BA7266S Datasheet
148Kb / 4P
AFC Chromatic Signal Processing
logo
Toshiba Semiconductor
TC90195AXBG TOSHIBA-TC90195AXBG Datasheet
328Kb / 8P
Video signal Processing
2018-05-07 Rev. 1.00
TC90195XBG TOSHIBA-TC90195XBG Datasheet
287Kb / 8P
Video signal Processing
2017-04-03 Rev. 1.00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com