Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9068 Datasheet (PDF) - Hamamatsu Corporation

C9068 Datasheet PDF - Hamamatsu Corporation
Part # C9068
Download  C9068 Download
File Size   268.49 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description PSD signal processing circuit

C9068 Datasheet (PDF)

Go To PDF Page Download Datasheet
C9068 Datasheet PDF - Hamamatsu Corporation

Part # C9068
Download  C9068 Click to download

File Size   268.49 Kbytes
Page   2 Pages
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description PSD signal processing circuit

C9068 Datasheet (HTML) - Hamamatsu Corporation


C9068 Product details

Digital output for connection with PC



C9068 (for one-dimensional PSD) and C9069 (for pin-cushion type two-dimensional PSD) are DC signal processing circuits specifically designed for position measurement using PSD. Digital output allows direct connection with a personal computer through a serial (RS-232C) interface. C9068 and C9069 are capable of detecting accurate positions of a spot light regardless of light intensity.

A D/A conversion signal is also output for monitoring, and when a voltmeter is connected to this D/A conversion output, the output voltage value directly represents position data. (Output voltage represents the distance from the center of PSD. 1 V=1 mm)



Features

• Digital output

• Serial (RS-232C) connection with PC

• D/A conversion signal output for monitoring

• Easy handling due to single +12 V supply operation

• No complicated adjustment required



Applications

• Displacement measurement using PSD

• Testing using PSD

• PSD performance evaluation



 




Similar Part No. - C9068

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068 Datasheet
259Kb / 2P
Digital output for connection with PC
C9068 HAMAMATSU-C9068_07 Datasheet
259Kb / 2P
Digital output for connection with PC
C9068 HAMAMATSU-C9068_15 Datasheet
140Kb / 3P
PSD signal processing circuit
More results


Similar Description - C9068

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C3683-01 HAMAMATSU-C3683-01 Datasheet
124Kb / 2P
Signal processing circuit for 1-D PSD
C4674 HAMAMATSU-C4674 Datasheet
127Kb / 3P
Signal processing circuit for 2-D PSD
C5923 HAMAMATSU-C5923 Datasheet
125Kb / 2P
Signal processing circuit for 1-D PSD
logo
List of Unclassifed Man...
TBA890 ETC-TBA890 Datasheet
297Kb / 7P
TELEVISION SIGNAL PROCESSING CIRCUIT
logo
Hamamatsu Corporation
C10459_C10460_KACC1135E04 HAMAMATSU-C10459_C10460_KACC1135E04 Datasheet
657Kb / 3P
Signal processing unit for PSD module
logo
KODENSHI_AUK CORP.
ORA1S01 KODENSHI-ORA1S01 Datasheet
125Kb / 2P
Integrated LED drive circuit and PSD signal processing circuit
logo
Hamamatsu Corporation
C9068 HAMAMATSU-C9068_15 Datasheet
140Kb / 3P
PSD signal processing circuit
C4674-01 HAMAMATSU-C4674-01 Datasheet
633Kb / 5P
Signal processing circuit for 2-D PSD
C3683-02 HAMAMATSU-C3683-02 Datasheet
547Kb / 5P
Signal processing circuit for 1-D PSD
C10460 HAMAMATSU-C10460_15 Datasheet
360Kb / 4P
Signal processing unit for PSD module
More results




About Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com