Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C9068 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # C9068
Description  PSD signal processing circuit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9068 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  C9068 Datasheet HTML 1Page - Hamamatsu Corporation C9068 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2003 Hamamatsu Photonics K.K.
PSD signal processing circuit
C9068, C9069
Cat. No. KACC1082E03
Sep. 2003 DN
THROUGH-HOLES FOR
EXTERNALLY CONNECTED PSD
D/A CONVERSION
OUTPUT CONNECTOR
FLAT CABLE CONNECTOR
(10-PIN, male)
(2 ×) 7
CENTER POSITION
OF PSD
(2 ×) 2.2
(2 ×) 7
67
4
15
15
1.6
8 MAX.
15 MAX.
(22 MAX.)
75
(4 ×) 3.2
C906*
(4 ×) R4
DC JACK
DIGITAL OUTPUT CONNECTOR
D-sub CONNECTOR
(9-PIN, female)
PSD INSTALLATION
HEAD
AT INSERTED
FLAT CABLE
2
s Dimensional outline (unit: mm)
s Accessory sample software display example (C9069)
Position data is displayed in numerical values and graphs.
OS: Windows 98SE
KACCA0118EB
s Accessories
• Dedicated AC adapter
• Sample software (CD-ROM)
• Flat cable (48 cm) with connector for D/A conversion signal output
• Attachment board for S5990-01/S5991-01 (C9069 only)
NOTE) RS-232C cable
(straight) not supplied.
Type No.
C9069 Sample software
S1880 (Active area 12 × 12mm)
n =
Tp
Port No.
Zoom
In
Out
X-Y graph
Start
Stop
Data record
Continuous
Operation mode
Incident light level



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com