Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC256TYPNF-GS-BCE1 Datasheet (PDF) - RAMXEED LIMITED

MB85RC256TYPNF-GS-BCE1 Datasheet PDF - RAMXEED LIMITED
Part # MB85RC256TYPNF-GS-BCE1
Download  MB85RC256TYPNF-GS-BCE1 Download
File Size   2628.86 Kbytes
Page   39 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 256K (32 K x 8) Bit I2C

MB85RC256TYPNF-GS-BCE1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85RC256TYPNF-GS-BCE1 Datasheet PDF - RAMXEED LIMITED

Part # MB85RC256TYPNF-GS-BCE1
Download  MB85RC256TYPNF-GS-BCE1 Click to download

File Size   2628.86 Kbytes
Page   39 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 256K (32 K x 8) Bit I2C

MB85RC256TYPNF-GS-BCE1 Datasheet (HTML) - RAMXEED LIMITED


MB85RC256TYPNF-GS-BCE1 Product details

DESCRIPTION
The MB85RC256TY is an FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 32,768
words  8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the
nonvolatile memory cells.
Unlike SRAM, the MB85RC256TY is able to retain data without using a data backup battery.
The read/write endurance of the nonvolatile memory cells used for the MB85RC256TY has improved to be
at least 1013 cycles, significantly outperforming other nonvolatile memory products in the number.
The MB85RC256TY does not need a polling sequence after writing to the memory such as the case of Flash
memory or E2PROM.

FEATURES
• Bit configuration : 32,768 words  8 bits
• Two-wire serial interface : Fully controllable by two ports: serial clock (SCL) and serial data (SDA).
• Operating frequency : 3.4 MHz (Max @HIGH SPEED MODE)
1 MHz (Max @FAST MODE PLUS)
• Read/write endurance : 1013 times / byte
• Data retention : 70.4 years (  85 C),
19.1 years (  105 C),
5.9 years (  125 C)
• Operating power supply voltage: 1.8 V to 3.6 V
• Low-power consumption : Operating power supply current 0.23 mA (Typ @3.4 MHz)
0.4 mA (Max @3.4 MHz)
Standby current 14 A (Typ)
Sleep current 0.24 A (Typ)
• Operation ambient temperature range
:  40 C to  125 C
• Package : 8-pin plastic SOP (150mil)
8-pin plastic DFN (5mm  6mm)
RoHS compliant




Similar Part No. - MB85RC256TYPNF-GS-BCE1

ManufacturerPart #DatasheetDescription
logo
RAMXEED LIMITED
MB85RC256LY RAMXEED-MB85RC256LY Datasheet
2Mb / 37P
256K (32 K x 8) Bit I2C
MB85RC256LYPN-GS-AWE1 RAMXEED-MB85RC256LYPN-GS-AWE1 Datasheet
2Mb / 37P
256K (32 K x 8) Bit I2C
MB85RC256LYPN-GS-AWEWE1 RAMXEED-MB85RC256LYPN-GS-AWEWE1 Datasheet
2Mb / 37P
256K (32 K x 8) Bit I2C
MB85RC256LYPNF-GS-BCE1 RAMXEED-MB85RC256LYPNF-GS-BCE1 Datasheet
2Mb / 37P
256K (32 K x 8) Bit I2C
MB85RC256LYPNF-GS-BCERE1 RAMXEED-MB85RC256LYPNF-GS-BCERE1 Datasheet
2Mb / 37P
256K (32 K x 8) Bit I2C
More results


Similar Description - MB85RC256TYPNF-GS-BCE1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB81N643289 FUJITSU-MB81N643289 Datasheet
1Mb / 64P
8 x 256K x 32 BIT DOUBLE DATA RATE FCRAMTM
logo
Hitachi Semiconductor
HM62256B HITACHI-HM62256B Datasheet
154Kb / 20P
256k SRAM (32-kword x 8-bit)
logo
Maxwell Technologies
79C0832 MAXWELL-79C0832 Datasheet
477Kb / 19P
8 Megabit (256K x 32-Bit) EEPROM MCM
79C0832 MAXWELL-79C0832_06 Datasheet
478Kb / 19P
8 Megabit (256K x 32-Bit) EEPROM MCM
logo
fujitsu semiconductor
MB85RC16 FUJITSU-MB85RC16 Datasheet
138Kb / 20P
Memory FRAM 16 K (2 K x 8) Bit I2C
MB85RC64 FUJITSU-MB85RC64 Datasheet
143Kb / 20P
Memory FRAM 64 K (8 K x 8) Bit I2C
MB85RC128 FUJITSU-MB85RC128 Datasheet
142Kb / 20P
Memory FRAM 128 K (16 K x 8) Bit I2C
logo
Cypress Semiconductor
CY14MC256J CYPRESS-CY14MC256J_13 Datasheet
1Mb / 30P
256-Kbit (32 K x 8) Serial (I2C) nvSRAM
logo
fujitsu semiconductor
MB85RC64TAPNF-G FUJITSU-MB85RC64TAPNF-G Datasheet
200Kb / 27P
64 K (8 K 횞 8) Bit I2C
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
256 K (32 K 횞 8) Bit I2C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com