Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79C0832 Datasheet (PDF) - Maxwell Technologies

79C0832 Datasheet PDF - Maxwell Technologies
Part # 79C0832
Download  79C0832 Download
File Size   477.11 Kbytes
Page   19 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 8 Megabit (256K x 32-Bit) EEPROM MCM

79C0832 Datasheet (PDF)

Go To PDF Page Download Datasheet
79C0832 Datasheet PDF - Maxwell Technologies

Part # 79C0832
Download  79C0832 Click to download

File Size   477.11 Kbytes
Page   19 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 8 Megabit (256K x 32-Bit) EEPROM MCM

79C0832 Datasheet (HTML) - Maxwell Technologies


79C0832 Product details

DESCRIPTION:
Maxwell Technologies’ 79C0832 multi-chip module (MCM) memory features a greater than 100 krad (Si) total dose tolerance, dependent upon orbit. Using Maxwell Technologies’ patented radiation-hardened RAD-PAK® MCM packaging technology, the 79C0832 is the first radiation-hardened 8 megabit MCM EEPROM for space application. The 79C0832 uses eight 1 Megabit high speed CMOS die to yield an 8 megabit product.

FEATURES:
• 256k x 32-bit EEPROM MCM
• RAD-PAK® radiation-hardened against natural
• space radiation
• Total dose hardness:
    - >100 krad (Si)
    - Dependent upon orbit
• Excellent Single event effects
    - SELTH > 120 MeV/mg/cm2
    - SEU > 90 MeV/mg/cm2 read mode
    - SEU = 18 MeV/mg/cm2 write mode
• High endurance
    - 10,000 cycles/byte (Page Programming Mode)
    - 10 year data retention
• Page Write Mode: 1 to 8 X 128 byte page
• High Speed:
    - 150 and 200 ns maximum access times
• Automatic programming
    - 10 ms automatic Page/Byte write
• Low power dissipation
    - 160 mW/MHz active current
    - 880 µ W standby current




Similar Part No. - 79C0832

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C0832 MAXWELL-79C0832 Datasheet
478Kb / 19P
8 Megabit (256K x 32-Bit) EEPROM MCM
79C08325 MAXWELL-79C08325 Datasheet
482Kb / 19P
8 Megabit EEPROM MCM
79C0832RPQE15 MAXWELL-79C0832RPQE15 Datasheet
482Kb / 19P
8 Megabit EEPROM MCM
79C0832RPQE20 MAXWELL-79C0832RPQE20 Datasheet
482Kb / 19P
8 Megabit EEPROM MCM
79C0832RPQH15 MAXWELL-79C0832RPQH15 Datasheet
482Kb / 19P
8 Megabit EEPROM MCM
More results


Similar Description - 79C0832

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
28C256T MAXWELL-28C256T Datasheet
283Kb / 14P
256K EEPROM (32K x 8-Bit) EEPROM
79C0408 MAXWELL-79C0408 Datasheet
353Kb / 20P
4 Megabit (512k x 8-bit) EEPROM MCM
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
20 Megabit (512K x 40-Bit) EEPROM MCM
79LV0832 MAXWELL-79LV0832 Datasheet
458Kb / 21P
8 Megabit (256K x 32-Bit) Low Voltage EEPROM MCM
79LV2040 MAXWELL-79LV2040 Datasheet
471Kb / 17P
20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
89C1632 MAXWELL-89C1632 Datasheet
198Kb / 13P
16 Megabit (512K x 32-Bit) MCM SRAM
89LV1632 MAXWELL-89LV1632 Datasheet
198Kb / 12P
16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
79C0832 MAXWELL-79C0832_06 Datasheet
478Kb / 19P
8 Megabit (256K x 32-Bit) EEPROM MCM
79C04085 MAXWELL-79C04085 Datasheet
359Kb / 20P
4 Megabit EEPROM MCM
79C08325 MAXWELL-79C08325 Datasheet
482Kb / 19P
8 Megabit EEPROM MCM
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com