Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28C256T Datasheet (PDF) - Maxwell Technologies

28C256T Datasheet PDF - Maxwell Technologies
Part # 28C256T
Download  28C256T Download
File Size   283.56 Kbytes
Page   14 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 256K EEPROM (32K x 8-Bit) EEPROM

28C256T Datasheet (PDF)

Go To PDF Page Download Datasheet
28C256T Datasheet PDF - Maxwell Technologies

Part # 28C256T
Download  28C256T Click to download

File Size   283.56 Kbytes
Page   14 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 256K EEPROM (32K x 8-Bit) EEPROM

28C256T Datasheet (HTML) - Maxwell Technologies


28C256T Product details

DESCRIPTION:

Maxwell Technologies’ 28C256T high density 256k-bit EEPROM microcircuit features a greater than 100 krad (Si) total dose tolerance, depending upon space mission. The 28C256T is capable of in-system electrical byte and page programmability. It has a 64-Byte page programming function to make its erase and write operations faster. It also features data polling to indicate the completion of erase and program ming operations.



FEATURES:

• RAD-PAK® radiation-hardened against natural space radiation

• Total dose hardness:

- > 100 Krad (Si), dependent upon space mission

• Excellent Single Event Effects:

- SELTH LET: > 120 MeV/mg/cm2

- SEUTH LET (read mode): > 90 MeV/mg/cm2

- SEUTH LET (write mode): > 18 MeV/mg/cm2

• Package:

- 28 pin RAD-PAK® flat pack

- 28 pin RAD-PAK® DIP

- JEDEC approved byte wide pinout

• High Speed:

- 120, 150 ns maximum access times available

• High endurance:

- 10,000 erase/write (in Page Mode), 10-year data retention

• Page Write Mode:

- 1 to 64 bytes

• Low power dissipation:

- 15 mA active current (cycle = 1 µs)

- 20 µA standby current (CE = VCC)




Similar Part No. - 28C256T

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
28C256 XICOR-28C256 Datasheet
113Kb / 24P
5 Volt, Byte Alterable E2PROM
logo
ATMEL Corporation
28C256 ATMEL-28C256 Datasheet
762Kb / 14P
256K 32K x 8 Paged CMOS E2PROM
logo
Catalyst Semiconductor
28C256 CATALYST-28C256 Datasheet
75Kb / 10P
32K-Bit Parallel E2PROM
More results


Similar Description - 28C256T

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HN58X2408I HITACHI-HN58X2408I Datasheet
71Kb / 22P
Two-wire serial interface 8k EEPROM (1-kword x 8-bit)/16k EEPROM (2-kword x 8-bit)/32k EEPROM (4-kword x 8-bit)/64k EEPROM(8-kword x 8-bit)
logo
Maxwell Technologies
79C0832 MAXWELL-79C0832 Datasheet
477Kb / 19P
8 Megabit (256K x 32-Bit) EEPROM MCM
logo
Renesas Technology Corp
HN58X2432SI RENESAS-HN58X2432SI Datasheet
157Kb / 22P
Two-wire serial interface 32k EEPROM (4-kword x 8-bit)/64k EEPROM (8-kword x 8-bit)
logo
Austin Semiconductor
AS8E32K32 AUSTIN-AS8E32K32 Datasheet
153Kb / 12P
32K x 32 EEPROM
logo
Maxwell Technologies
79C0832 MAXWELL-79C0832_06 Datasheet
478Kb / 19P
8 Megabit (256K x 32-Bit) EEPROM MCM
logo
ATMEL Corporation
AT28C256 ATMEL-AT28C256_08 Datasheet
668Kb / 27P
256K (32K x 8) Paged Parallel EEPROM
AT28C256-15PU ATMEL-AT28C256-15PU Datasheet
665Kb / 25P
256K (32K x 8) Paged Parallel EEPROM
AT28C256E-15PU ATMEL-AT28C256E-15PU Datasheet
665Kb / 25P
256K (32K x 8) Paged Parallel EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
logo
Renesas Technology Corp
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com