Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28C256 Datasheet (PDF) - Catalyst Semiconductor

28C256 Datasheet PDF - Catalyst Semiconductor
Part # 28C256
Download  28C256 Download
File Size   75.0 Kbytes
Page   10 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 32K-Bit Parallel E2PROM

28C256 Datasheet (PDF)

Go To PDF Page Download Datasheet
28C256 Datasheet PDF - Catalyst Semiconductor

Part # 28C256
Download  28C256 Click to download

File Size   75.0 Kbytes
Page   10 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 32K-Bit Parallel E2PROM

28C256 Datasheet (HTML) - Catalyst Semiconductor


28C256 Product details

DESCRIPTION

The CAT28C256 is a fast, low power, 5V-only CMOS parallel E2PROM organized as 32K x 8-bits. It requires a simple interface for in-system programming. On-chip address and data latches, self-timed write cycle with auto

clear and VCC power up/down write protection eliminate additional timing and protection hardware. DATA Polling and Toggle status bits signal the start and end of the self timed write cycle. Additionally, the CAT28C256 features hardware and software write protection.



FEATURES

■ Fast Read Access Times: 120/150ns

■ Low Power CMOS Dissipation:

–Active: 25 mA Max.

–Standby: 150 µA Max.

■ Simple Write Operation:

–On-Chip Address and Data Latches

–Self-Timed Write Cycle with Auto-Clear

■ Fast Write Cycle Time:

–5ms Max

■ CMOS and TTL Compatible I/O

■ Hardware and Software Write Protection

■ Automatic Page Write Operation:

–1 to 64 Bytes in 5ms

–Page Load Timer

■ End of Write Detection:

–Toggle Bit

–DATA Polling

■ 100,000 Program/Erase Cycles

■ 100 Year Data Retention

■ Commerical, Industrial and Automotive Temperature Ranges




Similar Part No. - 28C256

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
28C256 XICOR-28C256 Datasheet
113Kb / 24P
5 Volt, Byte Alterable E2PROM
logo
ATMEL Corporation
28C256 ATMEL-28C256 Datasheet
762Kb / 14P
256K 32K x 8 Paged CMOS E2PROM
logo
Maxwell Technologies
28C256T MAXWELL-28C256T Datasheet
283Kb / 14P
256K EEPROM (32K x 8-Bit) EEPROM
28C256TRPDB-12 MAXWELL-28C256TRPDB-12 Datasheet
283Kb / 14P
256K EEPROM (32K x 8-Bit) EEPROM
28C256TRPDB-15 MAXWELL-28C256TRPDB-15 Datasheet
283Kb / 14P
256K EEPROM (32K x 8-Bit) EEPROM
More results


Similar Description - 28C256

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
32K/64K-Bit SPI Serial CMOS E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
16K-Bit CMOS PARALLEL E2PROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
256K-Bit CMOS PARALLEL E2PROM
CAT28C512 CATALYST-CAT28C512 Datasheet
97Kb / 10P
512K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
256K-Bit CMOS PARALLEL E2PROM
CAT28HT64 CATALYST-CAT28HT64 Datasheet
219Kb / 10P
64K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
256K-Bit CMOS PARALLEL E2PROM
CAT28LV64 CATALYST-CAT28LV64 Datasheet
78Kb / 10P
64K-Bit CMOS PARALLEL E2PROM
CAT28LV65 CATALYST-CAT28LV65 Datasheet
79Kb / 10P
64K-Bit CMOS PARALLEL E2PROM
CAT28C64BJ-12 CATALYST-CAT28C64BJ-12 Datasheet
57Kb / 12P
64K-Bit CMOS PARALLEL E2PROM
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com