Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT25C32 Datasheet (PDF) - Catalyst Semiconductor

CAT25C32 Datasheet PDF - Catalyst Semiconductor
Part # CAT25C32
Download  CAT25C32 Download
File Size   91.03 Kbytes
Page   9 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 32K/64K-Bit SPI Serial CMOS E2PROM

CAT25C32 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT25C32 Datasheet PDF - Catalyst Semiconductor

Part # CAT25C32
Download  CAT25C32 Click to download

File Size   91.03 Kbytes
Page   9 Pages
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor
Description 32K/64K-Bit SPI Serial CMOS E2PROM

CAT25C32 Datasheet (HTML) - Catalyst Semiconductor


CAT25C32 Product details

DESCRIPTION
The CAT25C32/64 is a 32K/64K-Bit SPI Serial CMOS EEPROM internally organized as 4Kx8/8Kx8 bits. Catalyst’s advanced CMOS Technology substantially reduces device power requirements. The CAT25C32/64 features a 64-byte page write buffer.

FEATURES
■ 10 MHz SPI compatible
■ 1.8 to 6.0 volt operation
■ Hardware and software protection
■ Low power CMOS technology
■ SPI modes (0,0 &1,1)
■ Commercial, industrial and automotive temperature ranges
■ 1,000,000 program/erase cycles
■ 100 year data tetention
■ Self-timed write cycle
■ 8-pin DIP/SOIC, 14-pin TSSOP and 20-pin TSSOP
■ 64-Byte page write buffer
■ Block write protection
    – Protect 1/4, 1/2 or all of EEPROM array




Similar Part No. - CAT25C32

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32 Datasheet
76Kb / 11P
32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C32LS-1.8TE13 CATALYST-CAT25C32LS-1.8TE13 Datasheet
76Kb / 11P
32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C32LSA-1.8TE13 CATALYST-CAT25C32LSA-1.8TE13 Datasheet
76Kb / 11P
32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C32LSATE13 CATALYST-CAT25C32LSATE13 Datasheet
76Kb / 11P
32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C32LSE-1.8TE13 CATALYST-CAT25C32LSE-1.8TE13 Datasheet
76Kb / 11P
32K/64K-Bit SPI Serial CMOS EEPROM
More results


Similar Description - CAT25C32

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC32 CATALYST-CAT24WC32 Datasheet
404Kb / 10P
32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC33 CATALYST-CAT24WC33 Datasheet
74Kb / 8P
32K/64K-Bit I2C Serial CMOS E2PROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
64K/128K-Bit SPI Serial CMOS E2PROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
32K/64K-Bit SPI Serial CMOS EEPROM
logo
Integrated Silicon Solu...
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
64K-Bit SPI Serial CMOS EEPROM
logo
Seiko Instruments Inc
S-25C010A SII-S-25C010A Datasheet
856Kb / 37P
CMOS SPI SERIAL E2PROM
More results




About Catalyst Semiconductor


Catalyst Semiconductor, Inc. was a semiconductor company that specialized in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1985 and was headquartered in Santa Clara, California, USA. In 2008, Catalyst Semiconductor was acquired by ON Semiconductor Corporation.

Catalyst Semiconductor's product portfolio included a range of analog ICs, such as non-volatile memory products, DC-DC converters, LED drivers, and motor controllers. These products were used in a variety of applications, including consumer electronics, automotive, medical devices, and industrial equipment.

One of Catalyst Semiconductor's key areas of expertise was in the design of non-volatile memory products. The company's non-volatile memory products included serial EEPROMs, parallel EEPROMs, and nvSRAMs (non-volatile static random access memory). These products offered high reliability, low power consumption, and high-speed read and write operations, making them well-suited to a wide range of applications.

Overall, Catalyst Semiconductor was a well-established player in the analog IC industry, with a reputation for producing high-quality products that met the needs of a diverse range of customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com