Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89C1632 Datasheet (PDF) - Maxwell Technologies

89C1632 Datasheet PDF - Maxwell Technologies
Part # 89C1632
Download  89C1632 Download
File Size   198.07 Kbytes
Page   13 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 16 Megabit (512K x 32-Bit) MCM SRAM

89C1632 Datasheet (PDF)

Go To PDF Page Download Datasheet
89C1632 Datasheet PDF - Maxwell Technologies

Part # 89C1632
Download  89C1632 Click to download

File Size   198.07 Kbytes
Page   13 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 16 Megabit (512K x 32-Bit) MCM SRAM

89C1632 Datasheet (HTML) - Maxwell Technologies


89C1632 Product details

DESCRIPTION:

Maxwell Technologies’ 89C1632 high-performance 16 Mega bit Multi-Chip Module (MCM) Static Random Access Memory features a greater than 100 krad (Si) total dose tolerance, depending upon space mission. The four 4-Megabyte SRAM die and bypass capacitors are incorporated into a high-reliable hermetic quad flat-pack ceramic package.



FEATURES:

• Four 512k x 8 SRAM architecture

• RAD-PAK® technology hardens against natural space radiation technology

• Total dose hardness:

- > 100 krad (Si), depending upon space mission

• Excellent Single Event Effects:

- SEL > 68 MeV/mg/cm2

- SEU threshold = 3 MeV/mg/cm2

- SEU saturated cross section: 6E-9 cm2/bit

• Package: 68-pin quad flat package

• Fast access time: 20, 25 and 30 ns

• Completely static memory - no clock or timing strobe required

• Internal bypass capacitor

• High-speed silicon-gate CMOS technology

• 5V or 3V ± 10% power supply

• Equal address and chip enable access times

• Three-state outputs

• All inputs and outputs are TTL compatible




Similar Part No. - 89C1632

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
89C1051U ATMEL-89C1051U Datasheet
201Kb / 14P
8-Bit Microcontroller with 1K Bytes Flash
More results


Similar Description - 89C1632

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
79C0832 MAXWELL-79C0832 Datasheet
477Kb / 19P
8 Megabit (256K x 32-Bit) EEPROM MCM
32C408B MAXWELL-32C408B Datasheet
187Kb / 11P
4 Megabit (512K x 8-Bit) SRAM
79C0408 MAXWELL-79C0408 Datasheet
353Kb / 20P
4 Megabit (512k x 8-bit) EEPROM MCM
79C2040 MAXWELL-79C2040 Datasheet
469Kb / 17P
20 Megabit (512K x 40-Bit) EEPROM MCM
79LV2040 MAXWELL-79LV2040 Datasheet
471Kb / 17P
20 Megabit (512K x 40-Bit) Low Voltage EEPROM MCM
89LV1632 MAXWELL-89LV1632 Datasheet
198Kb / 12P
16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
79C0832 MAXWELL-79C0832_06 Datasheet
478Kb / 19P
8 Megabit (256K x 32-Bit) EEPROM MCM
logo
Austin Semiconductor
AS8SLC512K32 AUSTIN-AS8SLC512K32 Datasheet
241Kb / 12P
512K x 32 SRAM SRAM Memory Array MCM
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
UT9Q512K32E AEROFLEX-UT9Q512K32E Datasheet
201Kb / 20P
UT9Q512K32E 16 Megabit RadTolerant SRAM MCM
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com