Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT9Q512K32E Datasheet (PDF) - Aeroflex Circuit Technology

UT9Q512K32E Datasheet PDF - Aeroflex Circuit Technology
Part # UT9Q512K32E
Download  UT9Q512K32E Download
File Size   201.27 Kbytes
Page   20 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description UT9Q512K32E 16 Megabit RadTolerant SRAM MCM

UT9Q512K32E Datasheet (PDF)

Go To PDF Page Download Datasheet
UT9Q512K32E Datasheet PDF - Aeroflex Circuit Technology

Part # UT9Q512K32E
Download  UT9Q512K32E Click to download

File Size   201.27 Kbytes
Page   20 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description UT9Q512K32E 16 Megabit RadTolerant SRAM MCM

UT9Q512K32E Datasheet (HTML) - Aeroflex Circuit Technology


UT9Q512K32E Product details

INTRODUCTION
The UT9Q512K32E RadTol product is a high-performance 2M byte (16Mbit) CMOS static RAM multi-chip module (MCM), organized as four individual 524,288 x 8 bit SRAMs with a common output enable. Memory expansion is provided by an active LOW chip enable (En), an active LOW output enable (G), and three-state drivers. This device has a power-down feature that reduces power consumption by more than 90% when deselected.

FEATURES
❐ 25ns maximum (5 volt supply) address access time
❐ Asynchronous operation for compatible with industry standard 512K x 8 SRAMs
❐ TTL compatible inputs and output levels, three-state bidirectional data bus
❐ Operational environment:
   - Total dose: 50 krads(Si)
   - SEL Immune >110 MeV-cm2/mg
   - LETTH(0.25) = >52 MeV-cm2/mg
   - Saturated Cross Section (cm2) per bit, 2.8E-8
      - <1.1E-9 errors/bit-day, Adams 90% geosynchronous heavy ion
❐ Packaging:
   - 68-lead dual cavity ceramic quad flatpack (CQFP) (11.0 grams)
❐ Standard Microcircuit Drawing 5962-01511
   - QML Q and Vcompliant part




Similar Part No. - UT9Q512K32E

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT9Q512K32 AEROFLEX-UT9Q512K32 Datasheet
135Kb / 14P
UT9Q512K32 16Megabit SRAM MCM
UT9Q512K32-SPC AEROFLEX-UT9Q512K32-SPC Datasheet
135Kb / 14P
UT9Q512K32 16Megabit SRAM MCM
UT9Q512K32-SWC AEROFLEX-UT9Q512K32-SWC Datasheet
135Kb / 14P
UT9Q512K32 16Megabit SRAM MCM
More results


Similar Description - UT9Q512K32E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BR1672 ATMEL-AT52BR1672 Datasheet
366Kb / 39P
16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
logo
Aeroflex Circuit Techno...
UT8CR512K32 AEROFLEX-UT8CR512K32 Datasheet
318Kb / 16P
UT8CR512K32 16 Megabit SRAM
logo
ATMEL Corporation
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
16-megabit Flash 4-megabit SRAM Stack Memory
logo
Aeroflex Circuit Techno...
8Q512K32 AEROFLEX-8Q512K32 Datasheet
135Kb / 14P
16Megabit SRAM MCM
9Q512K32 AEROFLEX-9Q512K32 Datasheet
135Kb / 14P
UT9Q512K32 16Megabit SRAM MCM
logo
Maxwell Technologies
89C1632 MAXWELL-89C1632 Datasheet
198Kb / 13P
16 Megabit (512K x 32-Bit) MCM SRAM
89LV1632 MAXWELL-89LV1632 Datasheet
198Kb / 12P
16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM
79C04085 MAXWELL-79C04085 Datasheet
359Kb / 20P
4 Megabit EEPROM MCM
79C08325 MAXWELL-79C08325 Datasheet
482Kb / 19P
8 Megabit EEPROM MCM
logo
Aeroflex Circuit Techno...
UT8Q512K32E AEROFLEX-UT8Q512K32E Datasheet
226Kb / 21P
UT8Q512K32E 16 Megabit RadTolerant SRAM MCM
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com