Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-FEP-VPX3F Datasheet (PDF) - Elma Electronic Ltd

IC-FEP-VPX3F Datasheet PDF - Elma Electronic Ltd
Part # IC-FEP-VPX3F
Download  IC-FEP-VPX3F Download
File Size   530.88 Kbytes
Page   3 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description 3U VPX VITA 66.5 FPGA board with FMC Site

IC-FEP-VPX3F Datasheet (PDF)

Go To PDF Page Download Datasheet
IC-FEP-VPX3F Datasheet PDF - Elma Electronic Ltd

Part # IC-FEP-VPX3F
Download  IC-FEP-VPX3F Click to download

File Size   530.88 Kbytes
Page   3 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description 3U VPX VITA 66.5 FPGA board with FMC Site

IC-FEP-VPX3F Datasheet (HTML) - Elma Electronic Ltd


IC-FEP-VPX3F Product details

Processing Unit
• AMD Kintex™ UltraScale™ KU060, KU85 or
KU115
• Two banks of DDR4: 64-bit wide,
up to 4GB each
• 2 * 128 MBytes of QSPI flash
(bitstreams storage)
• 1 * 128 MBytes of QSPI flash
(User Data storage)
VPX Interfaces
• Up to three 4-lane fabric ports on P1/P2
-
3 * GTH x4 (Fat Pipes P1A, P1B) (*)
-
Optional 3 * GTH x4 to LightConex™
12TRX (*)
(*) depending on FPGA models
• 28 GPIO’s from FPGA on P2, usable as
single-ended or differential pairs
Main features
FMC+ VITA 57.4 interfaces
• 6 * GTH x4 links
• 80 differential pairs
• 6 reference clocks
Miscellaneous
• PIC μ-controller for System Management
to VITA 46.11
• 4 LEDs
Accessories
• Engineering kit : JTAG ports for direct
FPGA configuration
• Rear Transition Module




Similar Part No. - IC-FEP-VPX3F

ManufacturerPart #DatasheetDescription
logo
Elma Electronic Ltd
IC-FEP-VPX3D ELMA-IC-FEP-VPX3D Datasheet
834Kb / 3P
3U VPX FPGA board with FMC Site
IC-FEP-VPX3H ELMA-IC-FEP-VPX3H Datasheet
1Mb / 3P
3U VPX VITA 66.5 FPGA board with FMC Site
More results


Similar Description - IC-FEP-VPX3F

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
628702A MA-COM-628702A Datasheet
33Kb / 2P
Test Site Transfer
logo
Texas Instruments
DK-LM3S9B96 TI1-DK-LM3S9B96_14 Datasheet
86Kb / 3P
FPGA Expansion Board for DK-LM3S9B96
logo
Advantech Co., Ltd.
MIC-3953 ADVANTECH-MIC-3953_14 Datasheet
392Kb / 1P
3U CompactPCI짰 Single PMC Slot Carrier Board
MIC-3954 ADVANTECH-MIC-3954_14 Datasheet
455Kb / 1P
3U CompactPCI짰 Serial Peripheral Board with PCIe짰 Mini Card or Storage Function
logo
Adlink Technology Inc.
VPX3001 ADLINK-VPX3001 Datasheet
757Kb / 4P
Rugged 3U VPX 3rd Generation Intel Core i7 Processor Blade
VPX3010 ADLINK-VPX3010 Datasheet
886Kb / 4P
Rugged 3U VPX Intel Xeon Processor D-1500 Processor Blade
VPX3020 ADLINK-VPX3020 Datasheet
743Kb / 3P
Rugged 3U VPX Intel Xeon and Core i3 Processor Blade
logo
SparkFun Electronics
DEV-11953 SPARKFUN-DEV-11953 Datasheet
109Kb / 2P
Mojo v3 FPGA Development Board
11/10/2015
logo
Advantech Co., Ltd.
MIC-3810 ADVANTECH-MIC-3810 Datasheet
518Kb / 1P
3U CompactPCI® Serial PCIe Carrier Board
13-Dec-2021
MIC-3820 ADVANTECH-MIC-3820 Datasheet
349Kb / 1P
3U CompactPCI® Serial SATA Carrier Board
15-Jul-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com