Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC2010 Datasheet (PDF) - STMicroelectronics

TSC2010 Datasheet PDF - STMicroelectronics
Part # TSC2010
Download  TSC2010 Download
File Size   2931.51 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage, precision, bidirectional current sense amplifiers

TSC2010 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC2010 Datasheet PDF - STMicroelectronics

Part # TSC2010
Download  TSC2010 Click to download

File Size   2931.51 Kbytes
Page   50 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High voltage, precision, bidirectional current sense amplifiers

TSC2010 Datasheet (HTML) - STMicroelectronics


TSC2010 Product details

Features
• Wide common mode voltage: - 20 to 70 V
• Offset voltage: ± 200 μV max
• 2.7 to 5.5 V supply voltage
• Different gain available
– TSC2010: 20 V/V
– TSC2011: 60 V/V
– TSC2012: 100 V/V
• Gain error: 0.3% max
• Offset drift: 5 μV/°C max
• Quiescent current: 20 μA in shutdown mode
• SO8 and MiniSO8 package

Applications
• High-side current sensing
• Low-side current sensing
• Data acquisition and instrumentation
• Test and measurement equipment
• Industrial process control
• Motor control
• Solenoid control




Similar Part No. - TSC2010

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC2010 STMICROELECTRONICS-TSC2010 Datasheet
1Mb / 54P
High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
High temperature, high voltage, precision, bidirectional current sense amplifiers
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
3Mb / 49P
High temperature, high voltage, precision, bidirectional current sense amplifiers
07-Feb-2025
TSC2010HYDT STMICROELECTRONICS-TSC2010HYDT Datasheet
4Mb / 50P
High temperature, high voltage, precision, bidirectional current sense amplifiers
TSC2010HYDT STMICROELECTRONICS-TSC2010HYDT Datasheet
3Mb / 49P
High temperature, high voltage, precision, bidirectional current sense amplifiers
07-Feb-2025
More results


Similar Description - TSC2010

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX471 MAXIM-MAX471 Datasheet
120Kb / 12P
Precision, High-Side Current-Sense Amplifiers
Rev 2; 12/96
logo
Linear Technology
LT1787 LINER-LT1787_1 Datasheet
276Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8640HV TI-LMP8640HV_15 Datasheet
1Mb / 32P
LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
LMP8640 TI1-LMP8640_14 Datasheet
1Mb / 32P
Precision High Voltage Current Sense Amplifiers
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2010H STMICROELECTRONICS-TSC2010H Datasheet
4Mb / 50P
High temperature, high voltage, precision, bidirectional current sense amplifiers
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com