Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEN0193 Datasheet (PDF) - DFROBOT

SEN0193 Datasheet PDF - DFROBOT
Part # SEN0193
Download  SEN0193 Download
File Size   233.35 Kbytes
Page   6 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Capacitive Soil Moisture Sensor SKU:SEN0193

SEN0193 Datasheet (PDF)

Go To PDF Page Download Datasheet
SEN0193 Datasheet PDF - DFROBOT

Part # SEN0193
Download  SEN0193 Click to download

File Size   233.35 Kbytes
Page   6 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Capacitive Soil Moisture Sensor SKU:SEN0193

SEN0193 Datasheet (HTML) - DFROBOT


SEN0193 Product details

Specification
 Operating Voltage: 3.3 ~ 5.5 VDC
 Output Voltage: 0 ~ 3.0VDC
 Operating Current: 5mA
 Interface: PH2.0-3P
 Dimensions: 3.86 x 0.905 inches (L x W)
 Weight: 15g




Similar Part No. - SEN0193

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SEN0192 ETC2-SEN0192 Datasheet
330Kb / 8P
Microwave Sensor
logo
DFROBOT
SEN0192 DFROBOT-SEN0192 Datasheet
329Kb / 8P
MicroWave Sensor SKU: SEN0192
SEN0197 DFROBOT-SEN0197 Datasheet
366Kb / 4P
Voice Recorder‐ISD1820 SKU: SEN0197
SEN0198 DFROBOT-SEN0198 Datasheet
336Kb / 7P
HighTemperatureSensor SKU:SEN0198
More results


Similar Description - SEN0193

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MO750 EXTECH-MO750 Datasheet
62Kb / 4P
Soil Moisture Meter
MO750 EXTECH-MO750_15 Datasheet
190Kb / 1P
Soil Moisture Meter
logo
Turck, Inc.
BC5-QF5.5-AN6X2S250 TURCK-BC5-QF5.5-AN6X2S250 Datasheet
232Kb / 2P
Capacitive sensor
BC20-Q20-AN4X2 TURCK-BC20-Q20-AN4X2 Datasheet
212Kb / 2P
Capacitive sensor
logo
Pepperl+Fuchs Inc.
CBB4-12GH60-E2-V1 PF-CBB4-12GH60-E2-V1 Datasheet
256Kb / 2P
Capacitive sensor
CBB4-12GH70-E2 PF-CBB4-12GH70-E2 Datasheet
223Kb / 2P
Capacitive sensor
CBB8-18GS75-E2 PF-CBB8-18GS75-E2 Datasheet
113Kb / 1P
Capacitive sensor
CBN2-F46-E0 PF-CBN2-F46-E0 Datasheet
228Kb / 2P
Capacitive sensor
logo
SparkFun Electronics
SEN-13637 SPARKFUN-SEN-13637 Datasheet
171Kb / 2P
SparkFun Soil Moisture Sensor (with Screw Terminals)
7??0??7
logo
E+E Elektronik Ges.m.b....
EE364 EPLUSE-EE364 Datasheet
986Kb / 9P
Moisture in Oil Sensor
01-2024
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com